Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 8Page - NXP Semiconductors RT600 Datasheet HTML 9Page - NXP Semiconductors RT600 Datasheet HTML 10Page - NXP Semiconductors RT600 Datasheet HTML 11Page - NXP Semiconductors RT600 Datasheet HTML 12Page - NXP Semiconductors RT600 Datasheet HTML 13Page - NXP Semiconductors RT600 Datasheet HTML 14Page - NXP Semiconductors RT600 Datasheet HTML 15Page - NXP Semiconductors RT600 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
12 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
6. Block diagram
Figure 3, Figure 4, and Figure 5 shows the RT600 block diagram. On Figure 4, shaded
blocks support general purpose DMA or blocks include dedicated DMA control.
Fig 3. Block diagram overview
ARM
Cortex-M33
with FPU&MPU
Debug Interface
Security and
math
coprocessors
200221
clock generation,
power control, reset, and
other system functions
C-AHB
S-AHB
AHB Multilayer Matrix
AHB
Peripherals
APB
Peripherals
Boot ROM
On-the-fly
AES
decryption
Octal / Quad
SPI memory
interface
cache
Tensilica
HiFi4 DSP
Instruction
TCM
Data
TCM
Instruction
cache
Data
cache
RAM interface
with arbitration
per port/partition
Shared RAM
(30 partitions,
totaling 4.5 MB)
DSP AHB slave interface
DSP AHB master interface
9 matrix
slave ports
slave ports
master ports
arbitration
DMAC
0
DMAC
1
Hash-
AES
SDIO/
eMMC
0
SDIO/
eMMC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com