Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 44Page - NXP Semiconductors RT600 Datasheet HTML 45Page - NXP Semiconductors RT600 Datasheet HTML 46Page - NXP Semiconductors RT600 Datasheet HTML 47Page - NXP Semiconductors RT600 Datasheet HTML 48Page - NXP Semiconductors RT600 Datasheet HTML 49Page - NXP Semiconductors RT600 Datasheet HTML 50Page - NXP Semiconductors RT600 Datasheet HTML 51Page - NXP Semiconductors RT600 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
48 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
[1] Z = high impedance; pull-up or pull-down disabled. AI = analog input. I = input. O = output. I/O = input/output. Reset state reflects the pin
state at reset without boot code operation. For pin states in the different power modes.
[2] These pins are intended for connection to an off-chip power management IC (PMIC) if such a device is used to supply power to core
logic to this device. These pins may be used for other purposes if the on-chip regulator is used to supply power to core logic.
VSS
A1;
A6;
A11;
B6;
D6;
E6;
F8;
F11;
G6;
J9;
J11;
L1;
L7
D5;
D15;
E12;
E14;
F7;
F11;
G6;
G12;
H8; H9;
H10;
J8;
J10;
K8; K9;
K10;
L6;
L12;
M7;
M11;
M13;
N14;
P13
A1;
A17;
C11;
C15;
C3; C7;
E11;
E7;
G10;
G11;
G13;
G14;
G15;
G3;
G4;
G5;
G7;
G8;
H11;
K11;
K4; K7;
L10;
L11;
L12;
L13;
L14;
L15;
L3; L4;
L5; L6;
L7; L8;
M11;
N11;
N7;
P11;
R11;
R15;
R3; R7;
U1;
U17
- -
- Ground.
VSSA
[5]
C3,
D12
D7;
D11
- -
- Analog ground.
XTALIN
K9
B14
B4
- -
- Main oscillator input. USB ISP can only boot with external
crystal oscillator of 24 MHz.
XTALOUT
L9
B13
A4
- -
- Main oscillator output. USB ISP can only boot with external
crystal oscillator of 24 MHz.
Table 4.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com