Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 51Page - NXP Semiconductors RT600 Datasheet HTML 52Page - NXP Semiconductors RT600 Datasheet HTML 53Page - NXP Semiconductors RT600 Datasheet HTML 54Page - NXP Semiconductors RT600 Datasheet HTML 55Page - NXP Semiconductors RT600 Datasheet HTML 56Page - NXP Semiconductors RT600 Datasheet HTML 57Page - NXP Semiconductors RT600 Datasheet HTML 58Page - NXP Semiconductors RT600 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
55 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
The MPU register interface is located on the private peripheral bus and is described in
detail in Cortex-M33 DGUG — ARM Cortex-M33 Devices Generic User Guide
10.12.3 TrustZone and Cortex-M33 busing on this device
The implementation of ARM TrustZone on this device involves using address bit 28 to
divide the address space into potential secure and non-secure regions. Address bit 28 is
not decoded in memory access hardware, so each physical location appears in two
places on whatever bus they are located on. Other hardware determines which kinds of
accesses (including non-secure callable) are actually allowed for any particular address.
In addition, the shared RAM is generally expected to be used for both code and data, in
different balance for different applications. Some applications may require a great deal of
code and little data, others may require most of the shared RAM to be used for data. For
this reason, the entire shared RAM appears on both the code bus and the data bus of the
Cortex-M33. Code can be located at addresses that are on the code bus, data can be
located at addresses that are on the data bus. As long as code and data are contained in
shared RAM that is connected on different AHB matrix slave ports, each can be accessed
simultaneously on the appropriate bus.
Table 8 shows the overall mapping of the code and data buses for secure and non-secure
accesses to various device resources. The block diagrams in Figure 3 “Block diagram
overview” may also be useful in understanding the memory map.
In addition to the fixed mapping of secure and non-secure spaces, “checker” hardware
present on all AHB matrix ports confirms the types of access allowed for each peripheral
or memory range (with a granularity of 32 memory ranges for each port). This is described
in more detail in RT6xx User Manual (please see RT6xx Trusted execution environment
chapter)
Remark: In the peripheral description chapters of this manual, only the native
(non-secure) base address is noted, secure base addresses can be found in this chapter
or created algorithmically where needed.
[1] The HiFi 4 accesses shared RAM via a separate connection, not using the AHB matrix.
[2] The size shown for peripherals spaces indicates the space allocated in the memory map, not the actual
space used by the peripheral.
[3] Some AHB and APB peripherals are not accessible to the HiFi 4.
[4] Selected areas of secure regions may be marked as non-secure callable.
10.12.4 Links to specific memory map descriptions and tables:
• Section 10.12.5 “Device overview”
Table 8.
TrustZone and Cortex-M33 general mapping
Start address End address TrustZone CM-33 bus CM-33 usage
0x0000 0000 0x0FFF FFFF Non-secure Code
Shared RAM, Boot ROM, OSPI memory mapped region.
0x1000 0000 0x1FFF FFFF Secure
Code
Same as above
0x2000 0000 0x2FFF FFFF Non-secure Data
Shared RAM, CM33 access to HiFi 4 TCMs via inbound PIF.
Non-cacheable FlexSPI memory mapped region for DSP only.
0x3000 0000 0x3FFF FFFF Secure
Data
Same as above
0x4000 0000 0x4FFF FFFF Non-secure Data
AHB and APB peripherals.
0x5000 0000 0x5FFF FFFF Secure
Data
Same as above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com