Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 76Page - NXP Semiconductors RT600 Datasheet HTML 77Page - NXP Semiconductors RT600 Datasheet HTML 78Page - NXP Semiconductors RT600 Datasheet HTML 79Page - NXP Semiconductors RT600 Datasheet HTML 80Page - NXP Semiconductors RT600 Datasheet HTML 81Page - NXP Semiconductors RT600 Datasheet HTML 82Page - NXP Semiconductors RT600 Datasheet HTML 83Page - NXP Semiconductors RT600 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
80 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
• Data for all I2S traffic within one Flexcomm Interface uses the Flexcomm Interface
FIFO. The FIFO depth is 8 entries.
• Left justified and right justified data modes.
• DMA support using FIFO level triggering.
• TDM (Time Division Multiplexing) with a several stereo slots and/or mono slots is
supported. Each channel pair can act as any data slot. Multiple channel pairs can
participate as different slots on one TDM data line.
• The bit clock and WS can be selectively inverted.
• Sampling frequencies supported depends on the specific device configuration and
applications constraints (for example, system clock frequency and PLL availability.)
but generally supports standard audio data rates. See the data rates section in I2S
chapter in the RT6xx user manual to calculate clock and sample rates.
10.17.5 High-Speed SPI interface (Flexcomm Interface 14)
An additional, stand-alone SPI module is provided. This will be a high-speed SPI able to
provide 50 MHz transfer rates. Functionally, it is identical to the SPI Flexcomm interfaces
0 to 7. Excluding delays introduced by external device and PCB, the maximum supported
bit rate for SPI master mode (transmit/receive) is 50 Mbit/s. The maximum supported bit
rate for SPI slave mode (receive) is 50Mbit/s and for SPI slave mode (transmit) is 35
Mbit/s.
10.17.6 I3C interface
The MIPI Alliance Improved Inter-Integrated Circuit (MIPI I3C) brings major improvements
in use and power over I2C, and provides an alternative to SPI for mid-speed
applications.The I3C bus is designed to support future sensor interface architectures,
widely expected in Internet-of-Things applications.
The I3C bus is intended to be used by microcontrollers (MCU) and application processors
(AP) to connect to sensors, actuators, and other MCUs (as slaves). Connecting an MCU
to other MCUs and connecting an AP to an MCU are considered to be the major use
cases.
10.17.6.1 Features
• In-band interrupts: interrupts can go from Slave to Master without extra wires, such
that the Master knows which Slave sent the interrupt.
• In-band command codes (Common Command Codes (CCC))
• Dynamic addressing
• Multi-master / multi-drop
• Hot-Join
• I2C compatibility. Note that I2C compatibility has limitations. Please refer to user
manual for further details.
10.18 Counter/timer peripherals
10.18.1 General-purpose 32-bit timers/external event counter
The RT600 includes five general-purpose 32-bit timer/counters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com