Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 32Page - NXP Semiconductors RT600 Datasheet HTML 33Page - NXP Semiconductors RT600 Datasheet HTML 34Page - NXP Semiconductors RT600 Datasheet HTML 35Page - NXP Semiconductors RT600 Datasheet HTML 36Page - NXP Semiconductors RT600 Datasheet HTML 37Page - NXP Semiconductors RT600 Datasheet HTML 38Page - NXP Semiconductors RT600 Datasheet HTML 39Page - NXP Semiconductors RT600 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
36 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
PIO2_26
D10 L15
H2
Z I/O 0
PIO2_26 — General-purpose digital input/output pin.
I/O 1
SWDIO — Serial Wire Debug I/O. This is the default function
after booting. Since the internal pull-ups are disabled by
default, connect external pull-up resistor (~10 Kohm) on
SWDIO pin to comply with the ARM SWD interface spec.
PIO2_27
D9
M14
H1
Z I/O 0
PIO2_27 — General-purpose digital input/output pin.
I
1
USB1_OVERCURRENTN — USB1 bus overcurrent indicator
(active low). USB host only function. Port power fault signal
indicating over-current condition. This signal monitors
over-current on the USB bus (external circuitry required to
detect over-current condition, active LOW)
PIO2_28
C8
N15
K2
Z I/O 0
PIO2_28 — General-purpose digital input/output pin.
O
1
USB1_PORTPWRN — USB1 VBUS drive enable (Indicates
VBUS must supplied in host mode).
PIO2_29
C11 N17
L2
Z I/O 0
PIO2_29 — General-purpose digital input/output pin.
I/O 1
I3C0_SCL — Clock for I3C master or slave.
O
2
SCT0_OUT0 — SCTimer/PWM output 0.
3
R — Reserved.
4
R — Reserved.
O
5
CLKOUT — Output of the CLKOUT function.
PIO2_30
C9
P16
K1
Z I/O 0
PIO2_30 — General-purpose digital input/output pin.
I/O 1
I3C0_SDA — Data for I3C master or slave.
O
2
SCT0_OUT3 — SCTimer/PWM output 3.
3
R — Reserved.
4
R — Reserved.
I
5
CLKIN — Clock input.
6
R — Reserved.
O
7
CMP0_OUT — Analog comparator 0 output.
Table 4.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com