Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 79Page - NXP Semiconductors RT600 Datasheet HTML 80Page - NXP Semiconductors RT600 Datasheet HTML 81Page - NXP Semiconductors RT600 Datasheet HTML 82Page - NXP Semiconductors RT600 Datasheet HTML 83Page - NXP Semiconductors RT600 Datasheet HTML 84Page - NXP Semiconductors RT600 Datasheet HTML 85Page - NXP Semiconductors RT600 Datasheet HTML 86Page - NXP Semiconductors RT600 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
83 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
• Incorrect feed sequence causes reset or interrupt if enabled.
• Flag to indicate watchdog reset.
• Programmable 24-bit timer with internal prescaler.
• Selectable time period from (Tcy(WDCLK)  256  4) to (Tcy(WDCLK)  224  4) in
multiples of Tcy(WDCLK)  4.
• The Watchdog Clock (WDCLK) uses the WDOSC as the clock source.
10.18.4 Real Time Clock (RTC) timer
The RTC timer is a 32-bit timer which counts down from a preset value to zero. At zero,
the preset value is reloaded and the counter continues. The RTC timer uses the 32.768
kHz clock input to create a 1 Hz or 1 kHz clock. Selectable on-chip crystal load capacitors
are available for the RTC Oscillator.
10.18.5 Multi-Rate Timer (MRT)
The Multi-Rate Timer (MRT) provides a repetitive interrupt timer with four channels. Each
channel can be programmed with an independent time interval, and each channel
operates independently from the other channels.
10.18.5.1 Features
• 24-bit interrupt timer.
• Four channels independently counting down from individually set values.
• Repeat and one-shot interrupt modes.
10.18.6 OS/Event Timer
An OS/EVENT Timer module will provide a common time-base between the two CPUs for
event synchronization and time-stamping.
The OS/EVENT Timer is comprised of a shared, free-running counter readable by each
CPU and individual match and capture registers for each CPU.
The shared and local counters in this module will be implemented using Gray code. This
will enable them to be read asynchronously by the processing domains.
The main counter in the OS/EVENT Timer module begins counting immediately following
power-up and continues counting through any subsequent system resets (except those
caused by a new POR).
10.18.6.1 Features
• 64-bit Gray code counter. Using Gray code means that the timer can run at a a
frequency unrelated to either CPU clock and can still be read by either CPU without a
synchronization delay. Gray code is a reflected binary code that changes in a single
bit position for each increment.
• Separate functions for each CPU:
• A capture register can copy the main counter value when triggered by a CPU
request.
• A match register can be compared to the main counter and can optionally generate an
interrupt or wake-up event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com