Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 66Page - NXP Semiconductors RT600 Datasheet HTML 67Page - NXP Semiconductors RT600 Datasheet HTML 68Page - NXP Semiconductors RT600 Datasheet HTML 69Page - NXP Semiconductors RT600 Datasheet HTML 70Page - NXP Semiconductors RT600 Datasheet HTML 71Page - NXP Semiconductors RT600 Datasheet HTML 72Page - NXP Semiconductors RT600 Datasheet HTML 73Page - NXP Semiconductors RT600 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
70 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
10.13.5 Safety
The RT600 includes a Windowed WatchDog Timer (WWDT), which can be enabled by
software after reset. Once enabled, the WWDT remains locked and cannot be modified in
any way until a reset occurs.
Fig 8. RT600 clock generation (continued)
191220
Timer function clocks:
Other (analog, audio, misc.):
CLKOUT 1 select
CLKOUTSEL1[2:0]
CLKOUTDIV
CLKOUT
Divider
audio_pll_clk
32k_clk
main_pll_clk
aux0_pll_clk
dsp_pll_clk
aux1_pll_clk
"none"
011
001
010
000
100
101
110
111
CLKOUT
dsp_main_clk
clk_in
1m_lposc
48/60m_irc
16m_irc
main_clk
011
001
010
000
100
110
CLKOUT 0 select
CLKOUTSEL0[2:0]
ADC0FCLKDIV
ADC Clock
Divider
to ADC fclk
aux0_pll_clk
ADC clock select 1
ADC0FCLKSEL1[2:0]
main_pll_clk
aux1_pll_clk
101
001
011
000
111
"none"
ADC clock select 0
ADC0FCLKSEL0[2:0]
clk_in
1m_lposc
48/60m_irc
16m_irc
011
001
010
000
111
"none"
ACMP0FCLKDIV
ACMP Clock
Divider
to ACMP
fclk
48/60m_irc
ACMP clock select
ACMP0FCLKSEL[2:0]
16m_irc
aux0_pll_clk
aux1_pll_clk
main clk
011
001
010
000
100
111
"none"
DMIC0FCLKDIV
DMIC Clock
Divider
to D-Mic
subsystem
DMIC Clock Select
DMIC0FCLKSEL[2:0]
48/60m_irc
16m_irc
audio_pll_clk
1m_lposc
mclk_in
011
001
010
000
100
101
111
"none"
32k_wake_clk
111
001
010
000
OS Timer Clock Select
OSEVENTTFCLKSEL[2:0]
ostimer_clk
32k_clk
1m_lposc
hclk
"none"
TIMER n clock select
CT32BITnFCLKSEL[2:0]
16m_irc
48/60m_irc
audio_pll_clk
main clk
mclk_in
"none"
function clock of
CTIMER n
(CTIMERs 0 through 4)
011
001
010
000
100
111
SCTimer/PWM clock select
SCTFCLKSEL[2:0]
SCTFCLKDIV
SCTimer/PWM
Clock Divider
to SCTimer/PWM
input clock 7
main_pll_clk
aux0_pll_clk
48/60m_irc
main clk
aux1_pll_clk
audio_pll_clk
"none"
011
001
010
000
100
101
111
WDT0 Clock Select
WDT0FCLKSEL[2:0]
to WDT0
fclk
1m_lposc
"none"
111
000
WDT1 Clock Select
WDT1FCLKSEL[2:0]
to WDT1
fclk
1m_lposc
"none"
111
000
Utick Timer Clock Select
UTICKFCLKSEL[2:0]
to UTICK
fclk
1m_lposc
"none"
111
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com