Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 29Page - NXP Semiconductors RT600 Datasheet HTML 30Page - NXP Semiconductors RT600 Datasheet HTML 31Page - NXP Semiconductors RT600 Datasheet HTML 32Page - NXP Semiconductors RT600 Datasheet HTML 33Page - NXP Semiconductors RT600 Datasheet HTML 34Page - NXP Semiconductors RT600 Datasheet HTML 35Page - NXP Semiconductors RT600 Datasheet HTML 36Page - NXP Semiconductors RT600 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
33 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
PIO2_11
-
T16
N3
Z I/O 0
PIO2_11 — General-purpose digital input/output pin.
O
1
SD0_VOLT — SD/MMC0 card regulator voltage control.
I
2
SCT0_GPI7 — Pin input 7 to SCTimer/PWM.
3
R — Reserved.
O
4
CTIMER2_MAT1 — 32-bit CTimer2 match output 1.
PIO2_12
-
T3
T14
Z I/O 0
PIO2_12 — General-purpose digital input/output pin.
1
R — Reserved.
O
2
SCT0_OUT6 — SCTimer/PWM output 6.
3
R — Reserved.
O
4
CTIMER2_MAT2 — 32-bit CTimer2 match output 2.
PIO2_13
-
T1
N15
Z I/O 0
PIO2_13 — General-purpose digital input/output pin.
1
R — Reserved.
O
2
SCT0_OUT7 — SCTimer/PWM output 7.
3
R — Reserved.
O
4
CTIMER2_MAT3 — 32-bit CTimer2 match output 3.
5
R — Reserved.
6
R — Reserved.
O
7
CMP0_OUT — Analog comparator 0 output.
PIO2_14/
CMP0_A
G5
C1
F14
Z I/O;
AI
0
PIO2_14/CMP0_A — General-purpose digital input/output
pin. Analog comparator input A if the DIGIMODE bit is set to 0
and ANAMODE is set to 1 in the IOCON register for this pin.
1
R — Reserved.
O
2
SCT0_OUT8 — SCTimer/PWM output 8.
3
R — Reserved.
I
4
CTIMER_INP1 — Capture input 1 to CTIMER input muxes.
PIO2_15/
CMP0_D
H4
E2
F13
Z I/O;
AI
0
PIO2_15/CMP0_D — General-purpose digital input/output
pin. Analog comparator input D if the DIGIMODE bit is set to 0
and ANAMODE is set to 1 in the IOCON register for this pin.
1
R — Reserved.
O
2
SCT0_OUT9 — SCTimer/PWM output 9.
3
R — Reserved.
4
R — Reserved.
5
R — Reserved.
6
R — Reserved.
I
7
CLKIN — Clock input.
Table 4.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com