Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 69Page - NXP Semiconductors RT600 Datasheet HTML 70Page - NXP Semiconductors RT600 Datasheet HTML 71Page - NXP Semiconductors RT600 Datasheet HTML 72Page - NXP Semiconductors RT600 Datasheet HTML 73Page - NXP Semiconductors RT600 Datasheet HTML 74Page - NXP Semiconductors RT600 Datasheet HTML 75Page - NXP Semiconductors RT600 Datasheet HTML 76Page - NXP Semiconductors RT600 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
73 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
Table 17 shows typical wake-up sources for reduced power modes.
[1] See specific peripheral chapter for basic configuration.
[2] The related interrupt must be enabled in the NVIC.
[3] Enable related function in the and STARTEN0 or STARTEN1 register.
[4] See Hardware Wake-up control register in UM
[5] Typically via the Message Unit interrupt. See Inter-CPU communications in UM chapter.
Table 17. Wake-up sources for reduced power modes
Power mode Wake-up source
Comment
Sleep
Any peripheral that can cause
an interrupt in sleep mode
[1][2]
HWWAKE
Flexcomm Interfaces and DMIC subsystem activity. [4]
Deep-sleep
Pin interrupts
[1][2][3]
Watchdog interrupt
Only WDT0 can generate a wake-up from deep-sleep mode. [1][2][3]
Watchdog reset
Only WDT0 can generate a chip reset. [1]
Reset pin
No configuration needed.
RTC 1 Hz alarm timer
[1][2][3]
RTC_ALARM, RTC_WAKE
[1][2][3]
Micro-tick timer
Note: the Micro-tick timer is specifically targeted for ultra-low power wake-up
from deep-sleep mode [1][2][3]
OS Event Timer
[1][2][3]
Flexcomm USART
Interrupt from USART in slave or 32 kHz mode. [1][2][3]
Flexcomm SPI
Interrupt from SPI in slave mode. [1][2][3]
Flexcomm I2C
Interrupt from I2C in slave mode. [1][2][3]
Flexcomm I2S
Interrupt from I2S in slave mode. [1][2][3]
I3C
Interrupt from I3C in slave mode. [1][2][3]
USB need clock
Interrupt from USB when activity is detected that requires a clock. [1][2][3][4]
DMA
See DMA controller chapter in UM for details of DMA-related interrupts.
[1][2][3]
DMA controllers
[1][2][3]
DMIC
[1][2][3]
HWWAKE
Certain Flexcomm Interface and DMIC subsystem activity. [4]
Quad/octal SPI
[1][2][3]
SDIO
[1][2][3]
HASH-AES
[1][2][3]
CASPER
[1][2][3]
PowerQuad
[1][2][3]
A to D converter
[1][2][3]
HiFi4 DSP
[2][3][5]
Deep
power-down
RTC_ALARM, RTC_WAKE
[1][2][3]
Reset pin
No configuration needed.
Full deep
power-down
Same as deep power-down except that external power must be restored prior to wake-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com