Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 93Page - NXP Semiconductors RT600 Datasheet HTML 94Page - NXP Semiconductors RT600 Datasheet HTML 95Page - NXP Semiconductors RT600 Datasheet HTML 96Page - NXP Semiconductors RT600 Datasheet HTML 97Page - NXP Semiconductors RT600 Datasheet HTML 98Page - NXP Semiconductors RT600 Datasheet HTML 99Page - NXP Semiconductors RT600 Datasheet HTML 100Page - NXP Semiconductors RT600 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
97 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
Table 22. Power-on characteristics
Tamb = -20 C to +85 C.
Symbol
Timing Parameter
Description Min Max Unit
A
VDDIO_x valid to VDDCORE valid The delay from when the IO pad voltages become valid
to core voltage valid.
10
-
s
B
VDDCORE valid to De-assertion of
RESETN
The delay from when the VDD core is valid to when the
RESETN can be released.
20
-
s
AA
Mode pin valid
When the mode pins becomes valid. On power-on, the
mode pins are reset to 00 and are controlled via a POR
circuit in the always-on domain. The timing is from
when the VDD_AO1V8 is valid to when the mode pins
are reset to 00.
-
2
s
Fig 9. Power-up ramp
VDD_AO_1V8
(Always on voltage to RTC)
VDD1V8
(Chip PMC power)
VDDIO_0
(Pad group 0 power)
VDDIO_1
(Pad group 1 power)
VDDIO_2
(Pad group 2 power)
VDDCORE
(Core Power needs DVFS
control)
VDDA_ADC1V8
(ADC/Comp power 1.8 volts)
VREFP
(ADC Ref voltage)
RESETN
(External Chip reset)
PMIC_MODE0/1
(PMIC Mode pins (outputs))
XXXXXXXXX
00
AB
AA
VDDA_BIAS
(
ADC comparator bias)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com