Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 38Page - NXP Semiconductors RT600 Datasheet HTML 39Page - NXP Semiconductors RT600 Datasheet HTML 40Page - NXP Semiconductors RT600 Datasheet HTML 41Page - NXP Semiconductors RT600 Datasheet HTML 42Page - NXP Semiconductors RT600 Datasheet HTML 43Page - NXP Semiconductors RT600 Datasheet HTML 44Page - NXP Semiconductors RT600 Datasheet HTML 45Page - NXP Semiconductors RT600 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
42 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
PIO3_26
A8
-
P9
Z I/O 0
PIO3_26 — General-purpose digital input/output pin.
I/O 1
FC6_TXD_SCL_MISO_WS — Flexcomm 6: USART
transmitter, I2C clock, SPI master-in/slave-out data I/O, I2S
word select/frame.
PIO3_27
A7
-
T8
Z I/O 0
PIO3_27 — General-purpose digital input/output pin.
I/O 1
FC6_RXD_SDA_MOSI_DATA — Flexcomm 6: USART
receiver, I2C data I/O, SPI master-out/slave-in data, I2S data
I/O
PIO3_28
-
-
R8
Z I/O 0
PIO3_28 — General-purpose digital input/output pin.
I/O 1
FC6_CTS_SDA_SSEL0 — Flexcomm 6: USART
clear-to-send, I2C data I/O, SPI Slave Select 0.
PIO3_29
-
-
P8
Z I/O 0
PIO3_29 — General-purpose digital input/output pin.
I/O 1
FC6_RTS_SCL_SSEL1 — Flexcomm 6: USART
request-to-send, I2C clock, SPI slave select 1.
PIO3_30
-
-
N9
Z I/O 0
PIO3_30 — General-purpose digital input/output pin.
I/O 1
FC6_SSEL2 — Flexcomm 6: SPI slave select 2.
PIO3_31
-
-
P7
Z I/O 0
PIO3_31 — General-purpose digital input/output pin.
I/O 1
FC6_SSEL3 — Flexcomm 6: SPI slave select 3.
PIO4_0
-
-
R13
Z I/O 0
PIO4_0 — General-purpose digital input/output pin.
I/O 1
FC7_SCK — Flexcomm 7: USART, SPI, or I2S clock.
2
R — Reserved.
3
R — Reserved.
I
4
FREQME_GPIO_CLK — Frequency Measure pin clock
input.
5
R — Reserved.
6
R — Reserved.
O
7
CLKOUT — Output of the CLKOUT function.
PIO4_1
-
-
T17
Z I/O 0
PIO4_1 — General-purpose digital input/output pin.
I/O 1
FC7_TXD_SCL_MISO_WS — Flexcomm 7: USART
transmitter, I2C clock, SPI master-in/slave-out data I/O, I2S
word select/frame.
2
R — Reserved.
3
R — Reserved.
4
R — Reserved.
5
R — Reserved.
6
R — Reserved.
I
7
CLKIN — Clock input.
Table 4.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com