Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 11Page - NXP Semiconductors RT600 Datasheet HTML 12Page - NXP Semiconductors RT600 Datasheet HTML 13Page - NXP Semiconductors RT600 Datasheet HTML 14Page - NXP Semiconductors RT600 Datasheet HTML 15Page - NXP Semiconductors RT600 Datasheet HTML 16Page - NXP Semiconductors RT600 Datasheet HTML 17Page - NXP Semiconductors RT600 Datasheet HTML 18Page - NXP Semiconductors RT600 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
15 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
7. Pinning information
Table 4 shows the pin functions available on each pin, and for each package. These
functions are selectable using IOCON control registers.
Some functions, such as ADC or comparator inputs, are available only on specific pins
when digital functions are disabled on those pins. By default, the GPIO function is
selected except on pins PIO2_25 and PIO2_26, which are the serial wire debug pins. This
allows debug to operate through reset.
All GPIO pins have all pull-ups and pull-downs turned off at reset. This prevents power
loss through pins prior to software configuration. All GPIO pins are fail safe up to 3.6 V
when VDDIO supply = 0 V except following pins (PIO1_18 to PIO1_31, PIO2_0 to
PIO2_8, PIO0_21, PIO0_22, and PIO0_23 pins). See GPIO pin diagrams for
configuration options Figure 32 “Simplified fail-safe GPIO pins” and Figure 33 “Simplified
high-speed GPIO pins”.
The state of pins PIO1_15, PIO1_16, and PIO1_17 at Reset determine the boot source for
the part or if the ISP handler is invoked.
The JTAG functions TRST, TCK, TMS, TDI, and TDO, are selected on pins PIO0_7 to
PIO0_11 by hardware when the part is in boundary scan mode. The SPI Flash Recovery
Boot pin functions are multiplexed with the JTAG boundary scan functions. To ensure
boundary scan mode is not inadvertently entered, the TRST pin should be externally tied
low using a weak pull-down resistor (100 kohm) to ensure proper SPI Flash Recovery
Boot operation.
Table 4.
Pin description
Symbol
Description
PIO0_0
H3
G1
H17
Z I/O 0
PIO0_0 — General-purpose digital input/output pin.
I/O 1
FC0_SCK — Flexcomm 0: USART, SPI, or I2S clock.
2
R — Reserved.
3
R — Reserved.
O
4
CTIMER0_MAT0 — 32-bit CTimer0 match output 0.
I
5
I2S_BRIDGE_CLK_IN — Allows I2S bypass by re-routing
this function to a pin that includes the
I2S_BRIDGE_CLK_OUT function.
O
6
GPIO_INT_BMAT — Output of the pin interrupt pattern
match engine.
7
R — Reserved.
I/O 8
SEC_PIO0_0 — Secure GPIO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com