Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 59Page - NXP Semiconductors RT600 Datasheet HTML 60Page - NXP Semiconductors RT600 Datasheet HTML 61Page - NXP Semiconductors RT600 Datasheet HTML 62Page - NXP Semiconductors RT600 Datasheet HTML 63Page - NXP Semiconductors RT600 Datasheet HTML 64Page - NXP Semiconductors RT600 Datasheet HTML 65Page - NXP Semiconductors RT600 Datasheet HTML 66Page - NXP Semiconductors RT600 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
63 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
10.12.9 AHB peripherals
Table 14 provides details of the addresses for AHB peripherals. AHB peripherals have
both secure and non-secure access possibilities. Some AHB matrix ports are accessible
by the HiFi 4 (for peripherals that are not secure), some are accessible only by the
Cortex-M33.
Table 14. AHB peripheral memory map
AHB
port
Non-secure
base address
Secure
base address
Accessible
by HiFi 4?
Peripheral
13
0x4010 0000 0x5010 0000 Yes
High Speed GPIO (general purpose I/O for port pins that are not
selected for some other function by IOCON).
0x4010 4000 0x5010 4000
DMA0 registers.
0x4010 5000 0x5010 5000
DMA1 registers.
0x4010 6000 0x5010 6000
Flexcomm Interface 0.
0x4010 7000 0x5010 7000
Flexcomm Interface 1.
0x4010 8000 0x5010 8000
Flexcomm Interface 2.
0x4010 9000 0x5010 9000
Flexcomm Interface 3.
0x4010 F000 0x5010 F000
Debug mailbox.
0x4011 0000
0x5011 0000
Message Unit A (Cortex-M33 port).
0x4011 1000
0x5011 1000
Message Unit B (HiFi 4 port).
0x4011 2000
0x5011 2000
Semaphore.
0x4011 3000
0x5011 3000
OS Event Timer 0 (for access by Cortex-M33).
0x4011 4000
0x5011 4000
OS Event Timer 1 (for access by HiFi 4).
14
0x4012 0000 0x5012 0000 Yes
CRC Engine.
0x4012 1000 0x5012 1000
D-MIC (8 channel PDM digital microphone interface)
0x4012 2000 0x5012 2000
Flexcomm Interface 4.
0x4012 3000 0x5012 3000
Flexcomm Interface 5.
0x4012 4000 0x5012 4000
Flexcomm Interface 6.
0x4012 6000 0x5012 6000
Flexcomm Interface 14 (High Speed SPI).
0x4012 7000 0x5012 7000
Flexcomm Interface 15 (PMIC I2C).
15
0x4013 0000 0x5013 0000 Yes
OTP Controller (One Time Programmable factory and user settings).
0x4013 4000 0x5013 4000
FlexSPI and OTFAD registers.
0x4013 5000 0x5013 5000
PMC (PMU control).
0x4013 6000 0x5013 6000
SDIO0 registers.
0x4013 8000 0x5013 8000
Random Number Generator.
0x4013 9000 0x5013 9000
ACMP0 (comparator).
0x4013 A000 0x5013 A000
ADC0.
0x4013 B000 0x5013 B000
HS USB PHY registers.
16
0x4014 0000 0x5014 0000 No
HS USB RAM interface.
0x4014 4000 0x5014 4000
HS USB device registers.
0x4014 5000 0x5014 5000
HS USB host registers.
0x4014 6000 0x5014 6000
SCTimer/PWM.
0x4014 8000 0x5014 8000
Security Control registers (AHB_SECURE_CTRL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com