Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 93 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 89Page - NXP Semiconductors RT600 Datasheet HTML 90Page - NXP Semiconductors RT600 Datasheet HTML 91Page - NXP Semiconductors RT600 Datasheet HTML 92Page - NXP Semiconductors RT600 Datasheet HTML 93Page - NXP Semiconductors RT600 Datasheet HTML 94Page - NXP Semiconductors RT600 Datasheet HTML 95Page - NXP Semiconductors RT600 Datasheet HTML 96Page - NXP Semiconductors RT600 Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
93 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
[1] Typical ratings are not guaranteed. The values listed are for room temperature (25 C), nominal supply voltages.
[2] VDD_BIAS must be equal to ADC input voltage or max comparator input voltage.
[3] For SDK version 2.8 and before (SDK Power Library version = 0x020200): The maximum frequency for the specified VDDCORE
voltage is the frequency of the main clock. This is before the CPU CLOCK Divider. The VDDCORE voltage has to be set according to
the chosen main clock frequency. For SDK version 2.8.3 and after (SDK Power Library version = 0x02030): The maximum frequency for
the specified VDDCORE voltage is the frequency of the clock after CPU CLOCK and DSP clock Divider. The VDDCORE voltage has to
be set according to the chosen M33 CPU and DSP CPU clock frequency.Please see Figure 6 “RT600 clock generation”.
[4] 1.8 V supply voltage for OTP during active mode. In deep-sleep mode, this pin can be powered off to conserve additional current (~ 65
uA). VDD1V8_1 must be stable before performing any OTP related functions.
[5] When LDO_ENABLE is externally tied low, the user must boot at VDDCORE = 1.0 V or higher (Low power/Normal clock mode - OTP
setting - BOOT_CLK_SPEED) or VDDCORE = 1.13 V (High Speed clock - OTP setting - BOOT_CLK_SPEED). Thereafter, the
VDDCORE can be adjusted to the desired level.
[6] When LDO_ENABLE is externally tied high, the on-chip regulator to the VDDCORE Core voltage in PMC is set to the default value 1.05
V (Low power/Normal clock mode - OTP setting - BOOT_CLK_SPEED) or 1.13 V (High Speed clock - OTP setting -
BOOT_CLK_SPEED). Thereafter, the POWER_SetLdoVoltageForFreq API function can be used to internally configure the on-chip
regulator voltage to the VDDCORE.
[7] When performing any OTP read/write function, the VDDCORE voltage must be set to 1.0 V or higher when LDO_ENABLE is externally
tied high or low.
[8] Low voltage operating range is for applications using the RT600 at VDDCORE voltages between 0.7 V to 0.9 V. So for example, if an
application is using VDDCORE = 0.7 V and 0.9 V, max frequencies defined for the low voltage operating range must be used. Full
voltage operating range is for applications using the RT600 at VDDCORE voltages between 0.7 V to 1.13 V. So for example, if an
application is using VDDCORE = 0.7 V and 1.13 V, max frequencies defined for the full voltage operating range must be used. Low
voltage range provides higher operating speeds when compared to full voltage operating range. After Boot-up, application must select
either low voltage range or full voltage range. An application cannot switch between low voltage range and full voltage range mode.
VDDCORE [3]
Low voltage operating range.
SDK Power Library version =
0x020300, SDK version 2.8.3 and later.
[8]
Active Mode
(DSP Max Freq = 115 MHz, FBB).
0.7
-
1.155 V
Active Mode
(DSP Max Freq = 260 MHz, FBB).
0.8
-
1.155 V
Active Mode
(DSP Max Freq = 375 MHz, FBB).
0.9
-
1.155 V
Full voltage operating range.
SDK Power Library version =
0x020300, SDK version 2.8.3 and later.
[8]
Active Mode
(DSP Max Freq = 70 MHz, FBB).
0.7
-
1.155 V
Active Mode
(DSP Max Freq = 195 MHz, FBB).
0.8
-
1.155 V
Active Mode
(DSP Max Freq = 300 MHz, FBB).
0.9
-
1.155 V
Active Mode
(DSP Max Freq = 480 MHz, FBB).
1.0
-
1.155 V
Active Mode
(DSP Max Freq = 600 MHz, FBB).
1.13 -
1.155 V
VDDIO_0/1/2
Supply voltage for GPIO rail.
1.71 -
3.6
V
VDDA_ADC1V8 1.8 V analog supply voltage for ADC
and comparator.
1.71 -
1.89
V
VDDA_BIAS [2] Bias for ADC and comparator.
1.71 -
3.6
V
VREFP
ADC positive reference voltage.
1.71 -
1.89
V
USB1_VDD3V3 USB1 analog 3.3 V supply.
3.0
-
3.6
V
Table 20. General operating conditions …continued
Tamb = 0 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ[1] Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com