Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 23Page - NXP Semiconductors RT600 Datasheet HTML 24Page - NXP Semiconductors RT600 Datasheet HTML 25Page - NXP Semiconductors RT600 Datasheet HTML 26Page - NXP Semiconductors RT600 Datasheet HTML 27Page - NXP Semiconductors RT600 Datasheet HTML 28Page - NXP Semiconductors RT600 Datasheet HTML 29Page - NXP Semiconductors RT600 Datasheet HTML 30Page - NXP Semiconductors RT600 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
27 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
PIO1_6
-
J17
K3
Z I/O 0
PIO1_6 — General-purpose digital input/output pin.
I/O 1
FC5_CTS_SDA_SSEL0 — Flexcomm 5: USART
clear-to-send, I2C data I/O, SPI Slave Select 0.
I
2
SCT0_GPI4 — Pin input 4 to SCTimer/PWM.
O
3
SCT0_OUT4 — SCTimer/PWM output 4.
4
R — Reserved.
I/O 5
FC4_SSEL2 — Flexcomm 4: SPI slave select 2.
PIO1_7
-
J15
E3
Z I/O 0
PIO1_7 — General-purpose digital input/output pin.
I/O 1
FC5_RTS_SCL_SSEL1 — Flexcomm 5: USART
request-to-send, I2C clock, SPI slave select 1.
I
2
SCT0_GPI5 — Pin input 5 to SCTimer/PWM.
O
3
SCT0_OUT5 — SCTimer/PWM output 5.
I
4
CTIMER_INP9 — Capture input 9 to CTIMER input muxes.
I/O 5
FC4_SSEL3 — Flexcomm 4: SPI slave select 3.
PIO1_8/
CH4A
J5
B5
B15
Z I/O;
AI
0
PIO1_8/CH4A — General-purpose digital input/output pin.
Analog input 4A. Can optionally be paired with CH4B for
differential input on ADC channel 4.
I/O 1
FC5_SSEL2 — Flexcomm 5: SPI slave select 2.
I
2
SCT0_GPI6 — Pin input 6 to SCTimer/PWM.
I
3
CTIMER_INP12 — Capture input 12 to CTIMER input muxes.
O
4
CTIMER1_MAT2 — 32-bit CTimer1 match output 2.
PIO1_9/
CH4B
K3
B1
E14
Z I/O;
AI
0
PIO1_9/CH4B — General-purpose digital input/output pin.
Analog input 4B. Can optionally be paired with CH4A for
differential input on ADC channel 4.
I/O 1
FC5_SSEL3 — Flexcomm 5: SPI slave select 3.
I
2
SCT0_GPI7 — Pin input 7 to SCTimer/PWM.
I
3
UTICK_CAP1 — Micro-tick timer capture input 1.
O
4
CTIMER1_MAT3 — 32-bit CTimer1 match output 3.
PIO1_10
E10 K16
F2
Z I/O 0
PIO1_10 — General-purpose digital input/output pin.
I/O 1
MCLK — MCLK input or output for I2S and/or digital
microphone.
2
R — Reserved.
I
3
FREQME_GPIO_CLK — Frequency Measure pin clock
input.
I
4
CTIMER_INP10 — Capture input 10 to CTIMER input muxes.
5
R — Reserved.
6
R — Reserved.
O
7
CLKOUT — Output of the CLKOUT function.
Table 4.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com