Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 2Page - NXP Semiconductors RT600 Datasheet HTML 3Page - NXP Semiconductors RT600 Datasheet HTML 4Page - NXP Semiconductors RT600 Datasheet HTML 5Page - NXP Semiconductors RT600 Datasheet HTML 6Page - NXP Semiconductors RT600 Datasheet HTML 7Page - NXP Semiconductors RT600 Datasheet HTML 8Page - NXP Semiconductors RT600 Datasheet HTML 9Page - NXP Semiconductors RT600 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
6 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
Main power supply is 1.8 V +/- 5%.
Analog supply is 1.71 V - 3.6 V.
Triple VDDIO supplies (can be shared or independent): 1.71 V - 3.6 V.
USB Supply: 3.0 V - 3.6 V.
Reduced power modes:
- Sleep mode: Clock shut down for each CPU independently.
- Deep-sleep mode: User selectable configuration via PDSLEEPCFG.
- Deep power-down mode: Power removed from the entire chip except in the
always-on domain.
- Full deep power-down mode: same as deep power-down mode, but external
power can be removed (except for VDD_AO18).
- Each individual SRAM partition can be independently powered-off or put into a
low-power retain mode. Individual SRAMs can also have their clocks stopped when
not actually in use in order to save power.
- Ability to operate the synchronous serial interfaces in sleep or deep-sleep mode
as a slave or USART clocked by the 32 kHz RTC oscillator.
- Wake-up from low-power modes via interrupts from various peripherals including
the RTC and the OS/Event timer.
RBB/FBB to provide additional control over power/performance trade-offs.
Power-On Reset (POR).
Operating temperature range -20 °C to +85 °C
Available in VFBGA176, WLCSP114, and FOWLP249 packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com