Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 94 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 90Page - NXP Semiconductors RT600 Datasheet HTML 91Page - NXP Semiconductors RT600 Datasheet HTML 92Page - NXP Semiconductors RT600 Datasheet HTML 93Page - NXP Semiconductors RT600 Datasheet HTML 94Page - NXP Semiconductors RT600 Datasheet HTML 95Page - NXP Semiconductors RT600 Datasheet HTML 96Page - NXP Semiconductors RT600 Datasheet HTML 97Page - NXP Semiconductors RT600 Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
94 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
Table 21. General operating conditions
Tamb = -20 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ[1] Max
Unit
fclk
CPU (Cortex-M33) clock frequency.
-
-
300
MHz
CPU (Cortex-M33) clock frequency
For USB high-speed device and
host operations
90
-
300
MHz
CPU (Cortex-M33) clock frequency.
For USB full-speed device and
host operations
12
-
300
MHz
fclk
DSP clock frequency
-
-
580
MHz
VDD_AO1V8
Supply 1.8 V supply for “always on”
features.
1.71 -
1.89
V
VDD1V8
1.8 V supply voltage for on-chip analog
functions other than the ADC and
comparator.
1.71 -
1.89
V
VDD1V8_1 [4]
1.8 V supply voltage for OTP.
1.71 -
1.89
V
VDDCORE
[3][5][6][7]
Power supply for core logic. On-chip
regulator not used. Power supplied by
an off-chip power management IC
(PMIC).
Retention Mode
0.7
-
-
V
Low voltage operating range.
SDK Power Library version = 0x020300,
SDK version 2.8.3 and later. [8]
Active Mode
(M33 Max Freq = 60 MHz, FBB).
0.7
-
1.155 V
Active Mode
(M33 Max Freq = 140 MHz, FBB).
0.8
-
1.155 V
Active Mode
(M33 Max Freq = 215 MHz, FBB).
0.9
-
1.155 V
Full voltage operating range.
SDK Power Library version = 0x020300,
SDK version 2.8.3 and later. [8]
Active Mode
(M33 Max Freq = 50 MHz, FBB).
0.7
-
1.155 V
Active Mode
(M33 Max Freq = 135 MHz, FBB).
0.8
-
1.155 V
Active Mode
(M33 Max Freq = 200 MHz, FBB).
0.9
-
1.155 V
Active Mode
(M33 Max Freq = 270 MHz, FBB).
1.0
-
1.155 V
Active Mode
(M33 Max Freq = 300 MHz, FBB).
1.13 -
1.155 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com