Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 85 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 81Page - NXP Semiconductors RT600 Datasheet HTML 82Page - NXP Semiconductors RT600 Datasheet HTML 83Page - NXP Semiconductors RT600 Datasheet HTML 84Page - NXP Semiconductors RT600 Datasheet HTML 85Page - NXP Semiconductors RT600 Datasheet HTML 86Page - NXP Semiconductors RT600 Datasheet HTML 87Page - NXP Semiconductors RT600 Datasheet HTML 88Page - NXP Semiconductors RT600 Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
85 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
• Data can be transferred using DMA from deep-sleep mode without waking up the
CPU, then automatically returning to deep-sleep mode.
• Data can be streamed directly to I2S on Flexcomm Interface 7.
10.19.3 CRC engine
The Cyclic Redundancy Check (CRC) generator with programmable polynomial settings
supports several CRC standards commonly used. To save system power and bus
bandwidth, the CRC engine supports DMA transfers.
10.19.3.1 Features
• Supports three common polynomials CRC-CCITT, CRC-16, and CRC-32.
– CRC-CCITT: x16 + x12 + x5 + 1
– CRC-16: x16 + x15 + x2 + 1
– CRC-32: x32 + x26 + x23 + x22 + x16 + x12 + x11 + x10 + x8 + x7 + x5 + x4 + x2 + x + 1
• Bit order reverse and 1’s complement programmable setting for input data and CRC
sum.
• Programmable seed number setting.
• Supports CPU PIO or DMA back-to-back transfer.
• Accept any size of data width per write: 8, 16 or 32-bit.
– 8-bit write: 1-cycle operation.
– 16-bit write: 2-cycle operation (8-bit x 2-cycle).
– 32-bit write: 4-cycle operation (8-bit x 4-cycle).
10.20 Analog peripherals
10.20.1 12-bit Analog-to-Digital Converter (ADC)
The ADC supports a resolution of 12-bit and fast conversion rates of up to 1Msamples/s.
Sequences of analog-to-digital conversions can be triggered by multiple sources. Possible
trigger sources are the SCTimer/PWM, external pins, and the Arm TXEV interrupt.
The ADC supports a variable clocking scheme with clocking synchronous to the system
clock or independent, asynchronous clocking for high-speed conversions
The ADC includes a hardware threshold compare function with zero-crossing detection.
The threshold crossing interrupt is connected internally to the SCTimer/PWM inputs for
tight timing control between the ADC and the SCTimer/PWM.
10.20.1.1 Features
• 12-bit successive approximation analog to digital converter.
• Input multiplexing among up to 12 pins.
• Two configurable conversion sequences with independent triggers.
• Optional automatic high/low threshold comparison and “zero crossing” detection.
• Measurement range VREFN to VREFP (typically 1.8 V; not to exceed
VDDA_ADC1V8 voltage level).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com