Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 168 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 168 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 163Page - NXP Semiconductors RT600 Datasheet HTML 164Page - NXP Semiconductors RT600 Datasheet HTML 165Page - NXP Semiconductors RT600 Datasheet HTML 166Page - NXP Semiconductors RT600 Datasheet HTML 167Page - NXP Semiconductors RT600 Datasheet HTML 168Page - NXP Semiconductors RT600 Datasheet HTML 169Page - NXP Semiconductors RT600 Datasheet HTML 170Page - NXP Semiconductors RT600 Datasheet HTML 171Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 168 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
168 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
10.20.1.1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
10.20.2 Temperature sensor . . . . . . . . . . . . . . . . . . . . 86
10.20.3 Analog Comparator . . . . . . . . . . . . . . . . . . . . 86
10.21
Security features. . . . . . . . . . . . . . . . . . . . . . . 86
10.21.1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
10.21.2 AES256 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
10.21.3 SHA-1 and SHA-2 . . . . . . . . . . . . . . . . . . . . . 87
10.21.3.1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
10.21.4 PUF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
10.21.4.1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
10.21.5 CASPER co-processor . . . . . . . . . . . . . . . . . . 87
10.21.6 Random Number Generator (RNG) . . . . . . . . 87
10.21.7 On-the-Fly Decryption on Octal/Quad SPI
interface (OTFAD) . . . . . . . . . . . . . . . . . . . . . 87
10.21.8 Universally Unique Identifier (UUID). . . . . . . . 88
10.21.9 Device Identifier Composition Engine (DICE). 88
10.22
Emulation and debugging. . . . . . . . . . . . . . . . 88
11
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . 89
12
Thermal characteristics . . . . . . . . . . . . . . . . . 91
13
Static characteristics. . . . . . . . . . . . . . . . . . . . 92
13.1
General operating conditions . . . . . . . . . . . . . 92
13.2
Power Sequencing . . . . . . . . . . . . . . . . . . . . . 96
13.3
CoreMark data . . . . . . . . . . . . . . . . . . . . . . . . 98
13.4
Power consumption . . . . . . . . . . . . . . . . . . . . 98
13.5
Pin characteristics . . . . . . . . . . . . . . . . . . . . 104
14
Dynamic characteristics . . . . . . . . . . . . . . . . 107
14.1
Wake-up process . . . . . . . . . . . . . . . . . . . . . 107
14.2
IRC (48 MHz/60 MHz and 16 MHz) . . . . . . . 107
14.3
Internal Low Power Oscillator (1 MHz) . . . . . 108
14.4
Crystal oscillator . . . . . . . . . . . . . . . . . . . . . . 108
14.5
RTC oscillator . . . . . . . . . . . . . . . . . . . . . . . . 109
14.6
External Clock Input (CLKIN pin, MCLK pin) 109
14.7
Main/System and Audio PLLs. . . . . . . . . . . . 109
14.8
I2C-bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110
14.9
I2S-bus interface. . . . . . . . . . . . . . . . . . . . . . 112
14.10
USART interface. . . . . . . . . . . . . . . . . . . . . . 114
14.11
SPI interfaces (Flexcomm Interfaces 0-7) . . 115
14.12
High Speed SPI Interface (Flexcomm Interface
14) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 118
14.13
FlexSPI flash interface . . . . . . . . . . . . . . . . . 121
14.14
SD/MMC and SDIO . . . . . . . . . . . . . . . . . . . 127
14.15
DMIC subsystem . . . . . . . . . . . . . . . . . . . . . 129
14.16
SCTimer/PWM output timing . . . . . . . . . . . . 129
14.17
MIPI I3C interface . . . . . . . . . . . . . . . . . . . . . 129
14.17
MIPI I3C interface . . . . . . . . . . . . . . . . . . . . . 129
15
Analog characteristics . . . . . . . . . . . . . . . . . 133
15.1
12-bit ADC characteristics . . . . . . . . . . . . . . 133
15.1.1
ADC input impedance. . . . . . . . . . . . . . . . . . 135
15.2
Temperature sensor . . . . . . . . . . . . . . . . . . . 135
15.2.1
Comparator. . . . . . . . . . . . . . . . . . . . . . . . . . 137
16
Application information. . . . . . . . . . . . . . . . . 138
16.1
Current consumption vs Memory Partitions . 138
16.2
Standard I/O pin configuration . . . . . . . . . . . 139
16.3
I/O power consumption. . . . . . . . . . . . . . . . . 139
16.4
RTC oscillator . . . . . . . . . . . . . . . . . . . . . . . . 141
16.4.1
RTC Printed Circuit Board (PCB) design
guidelines . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
16.5
XTAL oscillator . . . . . . . . . . . . . . . . . . . . . . . 144
16.5.1
XTAL Printed Circuit Board (PCB) design
guidelines. . . . . . . . . . . . . . . . . . . . . . . . . . . 145
16.6
Suggested USB interface solutions . . . . . . . 145
16.7
Boundary Scan Mode . . . . . . . . . . . . . . . . . 146
16.8
VDDA_BIAS Power Supply Connection . . . 147
17
Package outline. . . . . . . . . . . . . . . . . . . . . . . 148
18
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . 151
19
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . 162
20
References. . . . . . . . . . . . . . . . . . . . . . . . . . . 162
21
Revision history . . . . . . . . . . . . . . . . . . . . . . 163
22
Contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com