Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 122 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 122 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 118Page - NXP Semiconductors RT600 Datasheet HTML 119Page - NXP Semiconductors RT600 Datasheet HTML 120Page - NXP Semiconductors RT600 Datasheet HTML 121Page - NXP Semiconductors RT600 Datasheet HTML 122Page - NXP Semiconductors RT600 Datasheet HTML 123Page - NXP Semiconductors RT600 Datasheet HTML 124Page - NXP Semiconductors RT600 Datasheet HTML 125Page - NXP Semiconductors RT600 Datasheet HTML 126Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
122 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
[1] Based on simulation; not tested in production.
[2] DLLACR register [6:3] = 8, MISCCR2 register [1:0] = 2.
clock frequency
RX clock source = 1
-
-
58
MHz
clock frequency
RX clock source = 3, with
external DQS.
-
-
200
MHz
tDS
data set-up time
RX clock source = 0 (internal
dummy read strobe and
loopbacked internally)
6
-
-
ns
RX clock source = 1 (internal
dummy read strobe and
loopbacked from DQS pad)
1
source = 3 (external DQS,
Flash provides read strobe)
1
tDH
data hold time
RX clock source = 0 (internal
dummy read strobe and
loopbacked internally)
1
-
-
ns
RX clock source = 1 (internal
dummy read strobe and
loopbacked from DQS pad)
0
source = 3 (external DQS,
Flash provides read strobe)
0
tv(Q)
data output valid time
0
-
0.6
ns
Table 45. Dynamic characteristics: FlexSPI flash interface [1]
Tamb = 0 C to +85 C, VDDIO_x = 1.71 V to 1.89 V; VDDCORE = 1.13 V; CL = 10 pF balanced loading on all pins; Full Drive
Mode on all pins, Input slew = 1 ns, SLEW setting = standard mode for all pins; Parameters sampled at the 50 % level of the
rising or falling edge.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 18. SDR mode (input timing, mode 0 and 1)
TIS
TIH
SCK
SIO[0:7]
TIS
TIH
Internal Sample Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com