Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 129 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 129 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 125Page - NXP Semiconductors RT600 Datasheet HTML 126Page - NXP Semiconductors RT600 Datasheet HTML 127Page - NXP Semiconductors RT600 Datasheet HTML 128Page - NXP Semiconductors RT600 Datasheet HTML 129Page - NXP Semiconductors RT600 Datasheet HTML 130Page - NXP Semiconductors RT600 Datasheet HTML 131Page - NXP Semiconductors RT600 Datasheet HTML 132Page - NXP Semiconductors RT600 Datasheet HTML 133Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
129 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
14.15 DMIC subsystem
[1] Based on simulated values.
14.16 SCTimer/PWM output timing
Table 50. Dynamic characteristics[1]
Tamb = 0C to 85 C; VDDIO_x = 1.71 V to 3.6 V; VDDCORE = 1.13 V; CL = 10 pF balanced loading on all pins; Input slew =
1 ns, SLEW set to standard mode for all pins; Bypass bit = 0 (PDM data in bypass mode); Parameters sampled at the 50%
level of the rising or falling edge
Symbol Parameter
Conditions
Min
Typ
Max
Unit
tDS
data set-up time
13
-
-
ns
tDH
data hold time
0
-
-
ns
Fig 26. DMIC timing diagram
aaa-017025
CLOCK
DATA
tSU
tDH
Table 51. SCTimer/PWM output dynamic characteristics
Tamb = -0 C to +85 C, VDDIO_x = 1.71 V to 1.89 V; VDDCORE = 1.13 V; CL = 10 pF. Simulated skew (over process,
voltage, and temperature) of any two SCT fixed-pin output signals; sampled at the 50% level of the rising or falling edge;
values guaranteed by design.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tsk(o)
output skew time
-
0
-
2.8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com