Electronic Components Datasheet Search
  English  ▼

X  

RF112 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 13Page - NXP Semiconductors RF112 Datasheet HTML 14Page - NXP Semiconductors RF112 Datasheet HTML 15Page - NXP Semiconductors RF112 Datasheet HTML 16Page - NXP Semiconductors RF112 Datasheet HTML 17Page - NXP Semiconductors RF112 Datasheet HTML 18Page - NXP Semiconductors RF112 Datasheet HTML 19Page - NXP Semiconductors RF112 Datasheet HTML 20Page - NXP Semiconductors RF112 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
3.3.2 Rx BB interface
The Rx BB output shall be connected to the ADC input in the baseband chip as shown in
below:
BUF
PCB
TRX
BB
ADC
agnd
vlnp
vcmout
vinn
R1
R1
RESD
RFSD
Ron
Ron
Ron
Ron
Rin_on
Rin_on
Rcm2
Rcm2
Rcm3
Rcm3
RESD
C1
C1
CINFIX
CINSW
CINSW
CINFIX
RXBB_OUT_I_P
avdd
Sampling
Capacitor
Sampling
Capacitor
Sampling
Switch
Sampling
Switch
agnd
agnd
agnd
RXBB_OUT_I_N
Figure 7. Connection of Rx BB output of transceiver chip (TRX) to ADC input of
baseband chip (BB). Note that Rcm2 and Rcm3 shall be disconnected, input common
mode voltage of the ADC is set by the Rx BB output buffer.
This table shows receiver specification. All RF signal levels are referred to the input of an
ideal matching network with no losses.
Table 4. Receiver specification
Parameter
Conditions
Min
Typ
Max
Unit
RX input
impedance
HB and LB,
differential,
including matching
50
Ω
RX input return
loss, |S11|
HB and LB, all gain
settings, including
matching
6
>10
dB
Noise figure
Maximum gain setting All channel bandwidths RMS value over all subcarrier freq
4900 MHz
4.5
dB
5300 MHz
4.9
dB
6000 MHz
5.4
dB
2400-2500 MHz
4.4
dB
Max input signal
level
Minimum gain
RMS power of
OFDM burst where
EVM ≤ -32 dB
-20
-10
dBm
RX1, RX2, RO1,
and RO2 EVM
RMS value over all subcarriers. All values are applicable at both -40 dBm and -23 dBm. Ideal IQ
correction and demodulation (data-aided equalization enabled).
Over process, voltage and temp (PVT):
Table continues on the next page...
Electrical characteristics
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
NXP Semiconductors
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com