Electronic Components Datasheet Search
  English  ▼

X  

RF112 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 5 Page - NXP Semiconductors

  RF112 Datasheet HTML 1Page - NXP Semiconductors RF112 Datasheet HTML 2Page - NXP Semiconductors RF112 Datasheet HTML 3Page - NXP Semiconductors RF112 Datasheet HTML 4Page - NXP Semiconductors RF112 Datasheet HTML 5Page - NXP Semiconductors RF112 Datasheet HTML 6Page - NXP Semiconductors RF112 Datasheet HTML 7Page - NXP Semiconductors RF112 Datasheet HTML 8Page - NXP Semiconductors RF112 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
AUX ADC
SYNTHESIZERS
LNA
LNA
5/8
XO
AND x4
3/2
LNA
LNA
1/4
1/2
XI
ATEST4
ATEST3
ATEST2
ATEST1
RX1_HB_IN
RX1_LB_IN
RO1_LB_IN
RO1_HB_IN
ROBB2_OUT_Q_P
RO2_HB_IN
RX2_LB_IN
TX_LB_OUT
TX_HB_OUT
RX2_HB_IN
ROBB2_OUT_Q_N
ROBB2_OUT_I_N
ROBB2_OUT_I_P
XO
OTP
DIGITAL CORE
1/2
LNA
PA
I2C
LVDS
OUT
1/4
LNA
5/2
LNA
1/2
Frac-N
Synt
TRX Synt
Obs 2 Synt
Obs 1 Synt
Frac-N
Synt
Frac-N
Synt
PA
LVDS
IN
Figure 2. RF112 Transceiver block diagram
The TRX sub-system is capable of operating in TDD mode in either high band or low
band. The TRX consists of one high band transceiver and one low band transceiver which
share baseband filters and analog interfaces. The transceivers each have one transmitter
and two identical receivers, the transmitter and one of the receivers share the same LO,
the second receiver LO-phases are generated independently from the same synthesizer as
the transmit-receive-pair. The LO generation for the TRX sub-system is kept running all
the time, to keep the LO-phase relations fixed after chip power-on.
The observation receiver chains are identical to the main receive chains, but they have
their own completely independent synthesizers. The two RO1 receivers (LB and HB)
share synthesizer and baseband, and can, hence, not be used concurrently. The
observation receiver synthesizers are kept running all the time.
The TRX receivers and the two observation receivers can be run at exactly the same LO
frequency, so that the transceiver can be used in 1x3 Low Band or 1x4 MIMO High Band
configuration, but with reduced performance.
Introduction
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
NXP Semiconductors
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com