Electronic Components Datasheet Search
  English  ▼

X  

RF112 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 10Page - NXP Semiconductors RF112 Datasheet HTML 11Page - NXP Semiconductors RF112 Datasheet HTML 12Page - NXP Semiconductors RF112 Datasheet HTML 13Page - NXP Semiconductors RF112 Datasheet HTML 14Page - NXP Semiconductors RF112 Datasheet HTML 15Page - NXP Semiconductors RF112 Datasheet HTML 16Page - NXP Semiconductors RF112 Datasheet HTML 17Page - NXP Semiconductors RF112 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
Table 3. Recommended operating conditions (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Notes
Input external
clock differential
input voltage
level
LVDS_160M_IO_P/N
Input
200
400
mVpp
1
Input external
clock input
common mode
voltage level
LVDS_160M_IO_P/N
Input
0.2
1.2
V
1
Input external
clock duty cycle
LVDS_160M_IO_P/N
Input
45
50
55
%
1
Output
reference clock
output load
LVDS_160M_IO_P/N
output
100
Ω
1
Rx BB external
output load (kick
-back filter)
R1
50
Ω
3
C1
10
pF
3
TX BB input
common mode
0.5
V
TX BB input
signal level
Full scale from DAC
0.35
Vp
Frequency
Range
HB Lowest
4900
MHz
HB Highest
6000
MHz
LB Lowest
2400
MHz
LB Highest
2500
MHz
3.1.3 Power Sequencing
Power rails can ramp simultaneously for all voltages, Core power
suppliesVDD_DIG_CORE (0.9V ) should not begin to ramp before other supplies, and
should reach 90% of nominal voltage no more than 5ms after I/O rails ramp as shown in
the figure below. Analog 1.67 V supply and I/O 1.8 V supply are expected to begin ramp
simultaneously.
Electrical characteristics
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
14
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com