Electronic Components Datasheet Search
  English  ▼

X  

RF112 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 14Page - NXP Semiconductors RF112 Datasheet HTML 15Page - NXP Semiconductors RF112 Datasheet HTML 16Page - NXP Semiconductors RF112 Datasheet HTML 17Page - NXP Semiconductors RF112 Datasheet HTML 18Page - NXP Semiconductors RF112 Datasheet HTML 19Page - NXP Semiconductors RF112 Datasheet HTML 20Page - NXP Semiconductors RF112 Datasheet HTML 21Page - NXP Semiconductors RF112 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
Table 4. Receiver specification (continued)
Parameter
Conditions
Min
Typ
Max
Unit
4900 MHz, ChBW:
20/40 MHz, PVT
-40
-36
dB
4900 MHz, ChBW:
80 MHz, PVT
-39
-36
dB
5300 MHz, ChBW:
20/40 MHz, PVT
-39
-36
dB
5300 MHz, ChBW:
80 MHz, PVT
-38
-36
dB
6000 MHz, ChBW:
20/40 MHz, PVT
-38
-36
dB
6000 MHz, ChBW:
80 MHz, PVT
-37
-36
dB
2400-2500 MHz,
ChBW: 20/40 MHz,
PVT
-39
-36
dB
Room temperature (RT), TJ ≈ 50 ° C
4900 MHz, ChBW:
20/40 MHz, PV
-38
dB
4900 MHz, ChBW:
80 MHz, PV
-37
dB
5300 MHz, ChBW:
20/40 MHz, PV
-38
dB
5300 MHz, ChBW:
80 MHz, PV
-37
dB
6000 MHz, ChBW:
20/40 MHz, PV
-38
dB
6000 MHz, ChBW:
80 MHz, PV
-36
dB
Gain specification
RX total gain
Gain into 100 Ω load.
Minimum, HB
5.5
dB
Maximum, HB
61.5
dB
Minimum, LB
2
dB
Maximum, LB
65
dB
RX gain variation
Over temperature. For all gain settings
HB
-4
+4
dB
LB
-4
+4
dB
RX RF gain control
range
HB
38
dB
LB
41
dB
RX RF gain
flatness
Max-Min; over frequency.
HB
2.5
dB
LB
1
dB
RX BB gain control
range
30
dB
Table continues on the next page...
Electrical characteristics
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
18
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com