Electronic Components Datasheet Search
  English  ▼

X  

RF112 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 3 Page - NXP Semiconductors

  RF112 Datasheet HTML 1Page - NXP Semiconductors RF112 Datasheet HTML 2Page - NXP Semiconductors RF112 Datasheet HTML 3Page - NXP Semiconductors RF112 Datasheet HTML 4Page - NXP Semiconductors RF112 Datasheet HTML 5Page - NXP Semiconductors RF112 Datasheet HTML 6Page - NXP Semiconductors RF112 Datasheet HTML 7Page - NXP Semiconductors RF112 Datasheet HTML 8Page - NXP Semiconductors RF112 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
1 Introduction
The purpose and scope of this document is to provide the specifications for the RF112
1x4 ISM transceiver.
The RF112 Transceiver consists of three RF sub-systems; one dual band 1x2 MIMO
transceiver, denoted TRX, one dual band observation receiver, denoted RO1, and one
high band observation receiver, denoted RO2, together with a crystal oscillator and a
digital core which is used to control the transceiver, and interfaces. The TRX, RO1, and
RO2 sub-systems operate independently. The dual band units can be configured to work
in either low band or high band, but since they share synthesizer, channel filters and
analog baseband interfaces the bands cannot be used concurrently.
BB
RF
HB
LB
TX_HB_LO_I
I/Q
I/Q
TX_LB_LO_Q
TX_LB_LO_I
TX_HB_LO_Q
BB
RF
HB
LB
RX2_HB_LO_I
I/Q
I/Q
RX2_LB_LO_Q
RX2_LB_LO_I
RX2_HB_LO_Q
BB
RF
RF
HB
LB
HB
RO1_HB_LO_I
I/Q
I/Q
RO1_LB_LO_Q
RO1_LB_LO_I
RO1_HB_LO_Q
BB
RO2_HB_LO_I
RO2_HB_LO_Q
BB
RF
HB
LB
RX1_HB_LO_I
RX1_LB_LO_Q
RX1_LB_LO_I
RX1_HB_LO_Q
RO1 Path
RO2 Path
TX Path
RX2 Path
RX1 Path
Figure 1. RF112 Transceiver Simplified model
The RF112 Transceiver uses a direct conversion architecture for both RX and TX. The
chip has independent synthesizers for each sub-system driven from a common reference.
The frequency reference can be a 40 MHz crystal or external oscillator. The input
reference is multiplied internally by 4 and can be routed to an output differential driver
for use as a low jitter 160 MHz frequency reference by other devices in the system. The
Introduction
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
NXP Semiconductors
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com