Electronic Components Datasheet Search
  English  ▼

X  

RF112 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 27Page - NXP Semiconductors RF112 Datasheet HTML 28Page - NXP Semiconductors RF112 Datasheet HTML 29Page - NXP Semiconductors RF112 Datasheet HTML 30Page - NXP Semiconductors RF112 Datasheet HTML 31Page - NXP Semiconductors RF112 Datasheet HTML 32Page - NXP Semiconductors RF112 Datasheet HTML 33Page - NXP Semiconductors RF112 Datasheet HTML 34Page - NXP Semiconductors RF112 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
I2C SLAVE
Boot Clk
DIGITAL
CORE
PLL
refclk
Control
Interface
40 MHz 0.9 V
CMOS input clock
LLCP
XO
XO
Xl
LVDS_160M_IO_P
LVDS_160M_IO_N
Clk IO
RESTN
Mode
DILL
x4
40
MHz
160
MHz
Figure 18. Generation of synthesizer references and digital clocks
This table shows the frequency generation specification.
Table 7. Frequency generation specification
Parameter
Conditions
Min
Typ
Max
Unit
VCO frequency
TRX-VCO: Lowest
19.2
GHz
TRX-VCO:
Highest
24.0
GHz
RO2-VCO: Lowest
1960
MHz
RO2-VCO:
Highest
2400
MHz
RO1-VCO: Lowest
3200
MHz
RO1-VCO:
Highest
4000
MHz
LO frequency
HB Lowest
4900
MHz
HB Highest
6000
MHz
LB Lowest
2400
MHz
LB Highest
2500
MHz
LO frequency
resolution
20
Hz
LO spurious free
dynamic range
Reference spurs
and integer
boundary spurs
excluded
TRX HB/LB
-65
dBc
Integrated SSB LO
phase noise
TRX HB (10 kHz
to 50 MHz)
-44
-40
dBc
Table continues on the next page...
Electrical characteristics
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
NXP Semiconductors
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com