Electronic Components Datasheet Search
  English  ▼

X  

RF112 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 6Page - NXP Semiconductors RF112 Datasheet HTML 7Page - NXP Semiconductors RF112 Datasheet HTML 8Page - NXP Semiconductors RF112 Datasheet HTML 9Page - NXP Semiconductors RF112 Datasheet HTML 10Page - NXP Semiconductors RF112 Datasheet HTML 11Page - NXP Semiconductors RF112 Datasheet HTML 12Page - NXP Semiconductors RF112 Datasheet HTML 13Page - NXP Semiconductors RF112 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Table 1. Pinout list by bus (continued)
Signal
Signal description
Package
pin
number
Pin
type
Power supply
Notes
ROBB2_OUT_I_N
Base band I output negative
differential signal of received
Observation Channel 2
34
O
VDD_BB2
ROBB2_OUT_I_P
Base band I output positive
differential signal of received
Observation Channel 2
33
O
VDD_BB2
ROBB2_OUT_Q_N
Base band Q output negative
differential signal of received
Observation Channel 2
35
O
VDD_BB2
ROBB2_OUT_Q_P
Base band Q output positive
differential signal of received
Observation Channel 2
36
O
VDD_BB2
Transmit Channel
TX_LB_OUT
Transmit low band output
41
O
VDD_TRX2
TX_HB_OUT
Transmit high band output
43
O
VDD_TRX2
TXBB_IN_Q_P
Base band Q input positive
differential transmit signal
28
I
VDD_BB2
TXBB_IN_I_P
Base band I input positive
differential transmit signal
25
I
VDD_BB2
TXBB_IN_I_N
Base band I input negative
differential transmit signal
26
I
VDD_BB2
TXBB_IN_Q_N
Base band Q input negative
differential transmit signal
27
I
VDD_BB2
Power
VDD_RX1
Channel 1 receiver supply
2
-
-
VDD_XO
Oscillator supply
8
-
-
VDD_RO1
Observer 1 input supply
12
-
-
VDD_BB1
Base band channel 1 and
observer 1 supply
14
-
-
VDD_SYNTH
Synthesizer supply
23
-
-
VDD_BB2
Base band channel 2 and
observer 2 supply
24
-
-
VDD_RO2
Observer 2 input supply
38
-
-
VDD1_TRX2
Channel 2 receiver and
transmitter supply
40
-
-
VDD2_TRX2
Channel 2 receiver and
transmitter supply
42
-
-
VDD3_TRX2
Channel 2 receiver and
transmitter supply
44
-
-
VDD_DIG_IO
Digital IO supply
53
-
-
VDD_DIG_CORE
Digital Core supply
54
-
-
VDD_160M_IO
Clocking IO supply
64
-
-
Ground
Table continues on the next page...
Pin assignments
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
10
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com