Electronic Components Datasheet Search
  English  ▼

X  

RF112 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 15Page - NXP Semiconductors RF112 Datasheet HTML 16Page - NXP Semiconductors RF112 Datasheet HTML 17Page - NXP Semiconductors RF112 Datasheet HTML 18Page - NXP Semiconductors RF112 Datasheet HTML 19Page - NXP Semiconductors RF112 Datasheet HTML 20Page - NXP Semiconductors RF112 Datasheet HTML 21Page - NXP Semiconductors RF112 Datasheet HTML 22Page - NXP Semiconductors RF112 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
Table 4. Receiver specification (continued)
Parameter
Conditions
Min
Typ
Max
Unit
RX gain step
RF HB
5.5
dB
RF LB
6
dB
Analog baseband
3
dB
RX gain settling
time
Gain settled to ± 1
dB of steady state
after gain update
command (20MHz
channel BW)
Excluding LLCP
transfer time.
200
ns
Analog filter
Analog RX filter
cutoff frequency
(signal bandwidth is
twice the cutoff)
5th order Butterworth, 3 dB point
Ch BW 20 MHz
12.5
MHz
Ch BW 40 MHz
25.0
MHz
Ch BW 80 MHz
50.0
MHz
Accuracy of analog
RX filter cutoff
frequency after
calibration
-7
+7
%
Analog RX filter
suppression
At center of
adjacent channel
18
dB
At center of
alternate channel
48
dB
Analog RX filter
group delay
variation
Deviation of group delay from the group delay at DC, normalized to half the channel bandwidth, i.e. the
given values are the products of
Δ gd and the nominal channel BW, fchBW .
fchBW = {20, 40, 80} MHz
Range: 0 to 30% of
fchBW
-0.35
+0.35
Range: 30% to
46% of fchBW
-0.80
+0.80
Analog RX signal
path delay
Channel bandwidth
B = 20/40/80 MHz
Cannot be
measured
1/B
s
Analog RX
baseband output
voltage
Into 100 Ω load.
Common mode
voltage
0.45
0.55
V
Peak differential
voltage
-0.9
+0.9
V
Target operating
peak differential
voltage amplitude
for best
performance
0.6
V
IQ error and offset
Table continues on the next page...
Electrical characteristics
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
NXP Semiconductors
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com