Electronic Components Datasheet Search
  English  ▼

X  

RF112 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 31Page - NXP Semiconductors RF112 Datasheet HTML 32Page - NXP Semiconductors RF112 Datasheet HTML 33Page - NXP Semiconductors RF112 Datasheet HTML 34Page - NXP Semiconductors RF112 Datasheet HTML 35Page - NXP Semiconductors RF112 Datasheet HTML 36Page - NXP Semiconductors RF112 Datasheet HTML 37Page - NXP Semiconductors RF112 Datasheet HTML 38Page - NXP Semiconductors RF112 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
IDLE
GENERATOR
gain_data
APB
SLAVE
MUX
BASEBAND SoC LLCP INTERFACE
RF112 LLCP INTERFACE
READ RESP
OR
READ
RSSI
STREAM
8b10b
DECODER
DATA
STROBE
DECODER
8b10b
ENCODER
DATA
STROBE
ENCODER
DOUT
640 Msps
320 Msps
DIN
SOUT
DOUT
SOUT
DIN
SIN
SIN
AXIQ
STREAM
IDLE
GENERATOR
MUX
8b10b
ENCODER
8b10b
DECODER
COMMAND
INTERPRETER
AND
GENERATOR
DATA
STROBE
ENCODER
DATA
STROBE
DECODER
APB
MASTER
RSSI DATA
COLLECTOR
Figure 21. LLCP communication interface
This section shows the electrical LLCP characteristics
3.7.1.1 LLCP DC electrical characteristics
This table provides the DC electrical characteristics for the LLCP interface.
Table 8. LLCP DC electrical characteristics (VDD_DIG_IO = 1.8V)4
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Output Differential Voltage
Vod
250.0
350.0
450.0
mV
1, 2
High-level output voltage
Voh
1.25
1.375
1.6
V
3
Low-level output voltage
Vol
0.9
1.025
1.25
V
3
Output common mode voltage
Vocm
1.125
1.2
1.375
V
2
Input Differential Voltage
Vid
100.0
-
600.0
mV
1, 5
Input common mode voltage
Vicm
0.05
-
1.57
V
5
1. |Vpadp-Vpadn|
2. Test condition: Rload=100Ohm between padp and padn.
3. Test condition: Rload=100Ohm between padp and padn
4. For recommended operating conditions, see Table 3
5. See figure "LLCP Input Waveform".
3.7.1.2 LLCP AC Timing Specifications
This table provides the LLCP AC electrical characteristics for LLCP interface.
Table 9. LLCP AC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
Output Transition time Low to High
Ttlh
0.12
0.58
ns
1, 2, 3
Output Transition time High to Low
Tthl
0.1
0.73
ns
1, 2, 3
Receive rate
Transmit rate
-
-
640
320
Mbps
Offset Voltage imbalance pk-pk
VOS
150
mV
4
Electrical characteristics
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
NXP Semiconductors
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com