Electronic Components Datasheet Search
  English  ▼

X  

RF112 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 18Page - NXP Semiconductors RF112 Datasheet HTML 19Page - NXP Semiconductors RF112 Datasheet HTML 20Page - NXP Semiconductors RF112 Datasheet HTML 21Page - NXP Semiconductors RF112 Datasheet HTML 22Page - NXP Semiconductors RF112 Datasheet HTML 23Page - NXP Semiconductors RF112 Datasheet HTML 24Page - NXP Semiconductors RF112 Datasheet HTML 25Page - NXP Semiconductors RF112 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
This table shows the transmitter specification. Unless otherwise specified, all values
assume that the receivers are disabled. All RF signal levels are referred to the output of
an ideal matching network with no losses.
Table 5. Transmitter specification
Parameter
Conditions
Min
Typ
Max
Unit
RF channel
bandwidth
ChBW
20/40/80
MHz
Signal modulation
standards
802.11b/g/a/n/ax
TX output return
loss
50 Ω characteristics
impedance,
Including off-chip
impedance
matching
-6 dBm output level
6
dB
TX EVM
RMS value over all subcarriers. All values are applicable at both -6 dBm and -26 dBm.
Ideal IQ correction and demodulation (data-aided equalization enabled).
Over process, voltage and temp (PVT):
4900 MHz, ChBW:
20/40 MHz, PVT
-41
-36
dB
4900 MHz, ChBW:
80 MHz, PVT
-39
-36
dB
5300 MHz, ChBW:
20/40 MHz, PVT
-40
-36
dB
5300 MHz, ChBW:
80 MHz, PVT
-38
-36
dB
6000 MHz, ChBW:
20/40 MHz, PVT
-39
-36
dB
6000 MHz, ChBW:
80 MHz, PVT
-37
-36
dB
2400-2500 MHz,
ChBW: 20/40 MHz,
PVT
-44
-38
dB
Room temperature (RT), TJ ≈ 50 ° C
4900 MHz, ChBW:
20/40 MHz, PV
-38
dB
4900 MHz, ChBW:
80 MHz, PV
-38
dB
5300 MHz, ChBW:
20/40 MHz, PV
-38
dB
5300 MHz, ChBW:
80 MHz, PV
-38
dB
6000 MHz, ChBW:
20/40 MHz, PV
-38
dB
6000 MHz, ChBW:
80 MHz, PV
-37
dB
Table continues on the next page...
Electrical characteristics
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
22
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com