Electronic Components Datasheet Search
  English  ▼

X  

RF112 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 21Page - NXP Semiconductors RF112 Datasheet HTML 22Page - NXP Semiconductors RF112 Datasheet HTML 23Page - NXP Semiconductors RF112 Datasheet HTML 24Page - NXP Semiconductors RF112 Datasheet HTML 25Page - NXP Semiconductors RF112 Datasheet HTML 26Page - NXP Semiconductors RF112 Datasheet HTML 27Page - NXP Semiconductors RF112 Datasheet HTML 28Page - NXP Semiconductors RF112 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
Table 5. Transmitter specification (continued)
Parameter
Conditions
Min
Typ
Max
Unit
7.500 GHz ≤ f <
12.75 GHz
-80
dBm
TX noise floor
Spurs excluded.
Valid for
frequencies at least
100 MHz from the
LO or outside the
adjacent channel,
whichever is
largest.
POUT ≤ -6 dBm,
over PVT
<-146
-144
dBm/Hz
Tx image rejection
ratio
Uncalibrated
25
dB
Tx RF pin isolation see Table 6
frequency (MHz)
Level D
C
D
B
A
Level C
Level B
Level A
Figure 10. Spectrum Mask
Electrical characteristics
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
NXP Semiconductors
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com