Electronic Components Datasheet Search
  English  ▼

X  

RF112 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 22Page - NXP Semiconductors RF112 Datasheet HTML 23Page - NXP Semiconductors RF112 Datasheet HTML 24Page - NXP Semiconductors RF112 Datasheet HTML 25Page - NXP Semiconductors RF112 Datasheet HTML 26Page - NXP Semiconductors RF112 Datasheet HTML 27Page - NXP Semiconductors RF112 Datasheet HTML 28Page - NXP Semiconductors RF112 Datasheet HTML 29Page - NXP Semiconductors RF112 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
frequency (MHz)
-43 dBr
20
30
10.25
9.75
-31 dBr
-23 dBr
0 dBr
Figure 11. Transmit spectrum mask, high band, 20MHz band width
frequency (MHz)
-43 dBr
-47.2 dBr
Pout = -24 dBm
-45.2 dBr
Pout = -26 dBm
Pout = -24 dBm
Pout = -26 dBm
20
30
10.25
9.75
-31 dBr
-23 dBr
0 dBr
Figure 12. Transmit spectrum mask, low band, 20 MHz band width – at low output power
limited by TX noise floor see examples in dashed ----.
Electrical characteristics
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
26
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com