Electronic Components Datasheet Search
  English  ▼

X  

RF112 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 4Page - NXP Semiconductors RF112 Datasheet HTML 5Page - NXP Semiconductors RF112 Datasheet HTML 6Page - NXP Semiconductors RF112 Datasheet HTML 7Page - NXP Semiconductors RF112 Datasheet HTML 8Page - NXP Semiconductors RF112 Datasheet HTML 9Page - NXP Semiconductors RF112 Datasheet HTML 10Page - NXP Semiconductors RF112 Datasheet HTML 11Page - NXP Semiconductors RF112 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
2.2 Pinout list
This table provides the pinout listing for the RF112 Transceiver by bus.
Table 1. Pinout list by bus
Signal
Signal description
Package
pin
number
Pin
type
Power supply
Notes
Digital core LVDS
DATA_IN_LVDS_N
Data in negative
51
I
VDD_DIG_IO
1
DATA_IN_LVDS_P
Data in positive
52
I
VDD_DIG_IO
1
STROBE_IN_LVDS_N
Data in strobe negative
49
I
VDD_DIG_IO
1
STROBE_IN_LVDS_P
Data in strobe positive
50
I
VDD_DIG_IO
1
DATA_OUT_LVDS_N
Data out negative
55
O
VDD_DIG_IO
DATA_OUT_LVDS_P
Data out positive
56
O
VDD_DIG_IO
STROBE_OUT_LVDS_N
Data out strobe negative
57
O
VDD_DIG_IO
STROBE_OUT_LVDS_P
Data out strobe positive
58
O
VDD_DIG_IO
RESETN
Reset enable
61
I
VDD_DIG_IO
TEST_MODE
Test mode
48
I
VDD_DIG_IO
2
Clocking
XO
Crystal output
6
I
VDD_XO
XI
Crystal input
7
O
VDD_XO
LVDS_160M_IO_N
160 MHz clock IO negative
62
IO
VDD_160M_IO
LVDS_160M_IO_P
160 MHz clock IO positive
63
IO
VDD_160M_IO
I2C
I2C_CLK
Serial clock
60
I
VDD_DIG_IO
I2C_DATA
Serial data
59
IO
VDD_DIG_IO
Analog test
ATEST1
Analog test 1
4
IO
VDD_XO
ATEST2
Analog test 2
5
IO
VDD_XO
ATEST3
Analog test 3
9
IO
VDD_XO
3
ATEST4
Analog test 4
10
IO
VDD_XO
Digital test
DTEST1
Digital test 1
47
I
VDD_DIG_IO
4
DTEST2
Digital test 2
46
I
VDD_DIG_IO
4
Receiver Channel 1
RX1_LB_IN
Low band input Receiver
Channel 1 received signal
1
I
VDD_RX1
RX1_HB_IN
High band input Receiver
Channel 1 received signal
3
I
VDD_RX1
RXBB1_OUT_I_N
Base band I output negative
differential signal of received
channel 1
20
O
VDD_BB1
Table continues on the next page...
Pin assignments
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
8
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com