Electronic Components Datasheet Search
  English  ▼

X  

RF112 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 32Page - NXP Semiconductors RF112 Datasheet HTML 33Page - NXP Semiconductors RF112 Datasheet HTML 34Page - NXP Semiconductors RF112 Datasheet HTML 35Page - NXP Semiconductors RF112 Datasheet HTML 36Page - NXP Semiconductors RF112 Datasheet HTML 37Page - NXP Semiconductors RF112 Datasheet HTML 38Page - NXP Semiconductors RF112 Datasheet HTML 39Page - NXP Semiconductors RF112 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
1. Test condition: Rload=100Ohm between padp and padn.
2. Measurement levels are 20-80% from output voltage.
3. See figure "LLCP LVDS Output Waveform" below.
4. See figure "Output Offset Voltage imbalance waveform" below.
NOTE
Skew between Data and Strobe:
LLCP data and strobe pairs should be routed as 100 Ohm
differential pairs with matched routing length to ensure
equivalent propagation time for each differential signal.
Propagation time mismatch should be checked at receiver;
mismatched propagation delay beyond ±80ps between data and
strobe signals might exceed capabilities of on-die timing
compensation circuits and prevent correct operation of
interface.
-Vod
+Vod
Vocm typ = 1.2 V
Ttlh
Tthl
250 mV to 450 mV
-250 mV to -450 mV
0 mV differential
Vid = |padp-padn|
padn
padp
80 %
80 %
20 %
20 %
Figure 22. LLCP LVDS Output Waveform
-Vid
+Vid
Vicm (0.05 V to 1.57 V)
Vid (100 V to 600 V)
-Vid (-100 mV to -600 V)
0 mV differential
Vid = padp-padn
padn
padp
Figure 23. LLCP Input Waveform
Electrical characteristics
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
36
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com