Electronic Components Datasheet Search
  English  ▼

X  

RF112 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 2Page - NXP Semiconductors RF112 Datasheet HTML 3Page - NXP Semiconductors RF112 Datasheet HTML 4Page - NXP Semiconductors RF112 Datasheet HTML 5Page - NXP Semiconductors RF112 Datasheet HTML 6Page - NXP Semiconductors RF112 Datasheet HTML 7Page - NXP Semiconductors RF112 Datasheet HTML 8Page - NXP Semiconductors RF112 Datasheet HTML 9Page - NXP Semiconductors RF112 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
The analog filter bandwidths of the two TRX receivers are always the same. However,
the bandwidth selection of the receivers and transmitters are completely independent. The
bandwidth setting of the observation receivers are independent of both the TRX receivers
and transmitters and of the other observation receiver.
Below is the RF112 block diagram of the Transceiver digital controller:
COMMAND
IF
OTP
INCL. CTRL.
WDOG
ASP
PROGRAM
RAM
PMEM
ACCESS
PAD
CONTROL
DBG
DBG
ASP TOP
XBUS
M4
S6
M1
M2
S3
S4
S5
CORDIC
lin2log/log2lin
P
D1
D2
BIST
halt
dbg
data
RAM-1
ENABLE
COUNTER A
ENABLE
COUNTER B
REGISTER
MAP
RSBUS
MASTER
FREQ
COUNT
AUX ADC
CGU
ANALOG
40/160 MHz
RSBUS SLAVES
∑ MODULATOR
(TRX SYNTH)
∑ MODULATOR
(OBS1 SYNTH)
∑ MODULATOR
(OBS2 SYNTH)
RX/TX gain
RSSI data 4x2 bits
GAIN
RSSI
DECODER
go
M3
S1 S2
APB
I2C
APB
APB
GO-PULSE
GENERATOR
TIMER A
TIMER B
JTAG
LVDS
LVDS
PINMUX
APB
LLCP
INT
APB
BIST
BIST
data
RAM-2
4
4
Figure 3. RF112 Digital Block Diagram
The digital part of RF112 consists of an ASP and a number of digital hardware blocks,
and interfaces both with the analogue part - via an RS bus, signals, and clocks - and with
the outside world - via LLCP and I2C interfaces. The internal clock frequency is 160
MHz in normal operation, during boot a 40 MHz clock is used. The digital part is used to
control and calibrate the analog part of the chip, both RF and baseband signal interfaces
are analog.
Introduction
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
6
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com