Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34 Datasheet(PDF) 12 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 12 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 8Page - Exar Corporation XRT86VL34 Datasheet HTML 9Page - Exar Corporation XRT86VL34 Datasheet HTML 10Page - Exar Corporation XRT86VL34 Datasheet HTML 11Page - Exar Corporation XRT86VL34 Datasheet HTML 12Page - Exar Corporation XRT86VL34 Datasheet HTML 13Page - Exar Corporation XRT86VL34 Datasheet HTML 14Page - Exar Corporation XRT86VL34 Datasheet HTML 15Page - Exar Corporation XRT86VL34 Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 156 page
background image
XRT86VL34
7
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
Reserved - E1 Mode Only
-
0xnB0C - 0xnB0D
Excessive Zero Status Register
EXZSR
0xnB0E
Excessive Zero Enable Register
EXZER
0xnB0F
SS7 Status Register for LAPD 1
SS7SR1
0xnB10
SS7 Enable Register for LAPD 1
SS7ER1
0xnB11
RxLOS/CRC Interrupt Status Register
RLCISR
0xnB12
RxLOS/CRC Interrupt Enable Register
RLCIER
0xnB13
Data Link Status Register 2
DLSR2
0xnB16
Data Link Interrupt Enable Register 2
DLIER2
0xnB17
SS7 Status Register for LAPD 2
SS7SR2
0xnB18
SS7 Enable Register for LAPD 2
SS7ER2
0xnB19
Data Link Status Register 3
DLSR3
0xnB26
Data Link Interrupt Enable Register 3
DLIER3
0xnB27
SS7 Status Register for LAPD 3
SS7SR3
0xnB28
SS7 Enable Register for LAPD 3
SS7ER3
0xnB29
Customer Installation Alarm Status Register
CIASR
0xnB40
Customer Installation Alarm Interrupt Enable Register
CIAIER
0xnB41
LIU Register Summary - Channel Control Registers
LIU Channel Control Register 0
LIUCCR0
0x0Fn0
LIU Channel Control Register 1
LIUCCR1
0x0Fn1
LIU Channel Control Register 2
LIUCCR2
0x0Fn2
LIU Channel Control Register 3
LIUCCR3
0x0Fn3
LIU Channel Control Interrupt Enable Register
LIUCCIER
0x0Fn4
LIU Channel Control Status Register
LIUCCSR
0x0Fn5
LIU Channel Control Interrupt Status Register
LIUCCISR
0x0Fn6
LIU Channel Control Cable Loss Register
LIUCCCCR
0x0Fn7
LIU Channel Control Arbitrary Register 1
LIUCCAR1
0x0Fn8
LIU Channel Control Arbitrary Register 2
LIUCCAR2
0x0Fn9
LIU Channel Control Arbitrary Register 3
LIUCCAR3
0x0FnA
LIU Channel Control Arbitrary Register 4
LIUCCAR4
0x0FnB
LIU Channel Control Arbitrary Register 5
LIUCCAR5
0x0FnC
LIU Channel Control Arbitrary Register 6
LIUCCAR6
0x0FnD
LIU Channel Control Arbitrary Register 7
LIUCCAR7
0x0FnE
TABLE 1: REGISTER SUMMARY
FUNCTION
SYMBOL
HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com