Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34 Datasheet(PDF) 56 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 56 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 52Page - Exar Corporation XRT86VL34 Datasheet HTML 53Page - Exar Corporation XRT86VL34 Datasheet HTML 54Page - Exar Corporation XRT86VL34 Datasheet HTML 55Page - Exar Corporation XRT86VL34 Datasheet HTML 56Page - Exar Corporation XRT86VL34 Datasheet HTML 57Page - Exar Corporation XRT86VL34 Datasheet HTML 58Page - Exar Corporation XRT86VL34 Datasheet HTML 59Page - Exar Corporation XRT86VL34 Datasheet HTML 60Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 156 page
background image
XRT86VL34
51
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
1-0
RxIMODE[1:0]
R/W
00
(Continued):(
Receive backplane interface signals include:
RxSERCLK is an input clock at either 12.352MHz or16.384MHz depending on
the selected multiplexed mode.
RxSYNC is an input signal which indicates the multiplexed frame boundary.
The length of RxSYNC depends on the multiplexed mode selected.
RxSER is the high-speed data output
NOTE: In high speed mode, receive data is clocked out on the rising edge of
the 12Mhz or 16MHz clock edge.
TABLE 32: RECEIVE INTERFACE CONTROL REGISTER (RICR)
HEX ADDRESS: 0XN122
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
TABLE 34: RECEIVE INTERFACE SPEED WHEN MULTIPLEXED MODE IS
ENABLED (TXMUXEN = 1)
TXIMODE[1:0]
TRANSMIT INTERFACE SPEED
00
Bit-Multiplexed Mode at 12.352MHz is Enabled:
Receive backplane interface is taking data from the four
LIU input channels 0 through 3 and bit-multiplexing the
four-channel data into one 12.352MHz serial stream and
output on channel 0 of the Receive Serial Output
(RxSER). The RxSYNC signal pulses “High” during the
framing bit of each DS-1 frame.
01
Bit-Multiplexed Mode at 16.384MHz is Enabled:
Receive backplane interface is taking data from the four
LIU input channels 0 through 3 and bit-multiplexing the
four-channel data into one 16.384MHz serial stream and
output to channel 0 of the Receive Serial Output
(RxSER). The RxSYNC signal pulses “High” during the
framing bit of each T1 frame.
10
HMVIP High-Speed Multiplexed Mode Enabled:
Receive backplane interface is taking data from the four
LIU input channels 0 through 3 and byte-multiplexing the
four-channel data into one 16.384MHz serial stream and
output to channel 0 of the Receive Serial Output
(RxSER). The RxSYNC signal pulses “High” during the
last two bits of the previous T1 frame and the first two
bits of the current T1 frame.
11
H.100 High-Speed Multiplexed Mode Enabled:
Receive backplane interface is taking data from the four
LIU input channels 0 through 3 and byte-multiplexing the
four-channel data into one 16.384MHz serial stream and
output to channel 0 of the Receive Serial Output
(RxSER). The RxSYNC signal pulses “High” during the
last bit of the previous T1 frame and the first bit of the
current T1 frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com