Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34 Datasheet(PDF) 24 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 24 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 20Page - Exar Corporation XRT86VL34 Datasheet HTML 21Page - Exar Corporation XRT86VL34 Datasheet HTML 22Page - Exar Corporation XRT86VL34 Datasheet HTML 23Page - Exar Corporation XRT86VL34 Datasheet HTML 24Page - Exar Corporation XRT86VL34 Datasheet HTML 25Page - Exar Corporation XRT86VL34 Datasheet HTML 26Page - Exar Corporation XRT86VL34 Datasheet HTML 27Page - Exar Corporation XRT86VL34 Datasheet HTML 28Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 156 page
background image
XRT86VL34
19
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
3-2
Transmit AIS
Pattern
Select[1:0]
R/W
00
Transmit AIS Pattern Select[1:0]:
These two bits permit the user to do the following.
1. To select the appropriate AIS Pattern that the Transmit T1 Framer block will
transmit to the remote terminal equipment, and
2. To command (via Software Control) the Transmit T1 Framer block to transmit
that particular AIS Pattern to the remote terminal equipment, as depicted below.
NOTE: For normal operation (e.g., to configure the Transmit T1 Framer block to
transmit normal T1 traffic) the user should set this bit to “[X, 0]”
1-0
AIS Defect
Declaration
Criteria [1:0]
R/W
00
AIS Defect Declaration Criteria[1:0]:
These bits permit the user to specify the types of AIS Patterns that the Receive T1
Framer block must detect before it will declare the AIS defect condition.
TABLE 5: ALARM GENERATION REGISTER (AGR)
HEX ADDRESS: 0Xn108
BIT
FUNCTION
TYPE DEFAULT
DESCRIPTION-OPERATION
AISG[1:0]
TYPES OF AIS PATTERNS TRANSMITTED
00/10
Disable AIS Alarm Generation
The Transmit T1 Framer block will transmit “normal” T1
traffic to the remote terminal equipment.
01
Enable Unframed AIS Alarm Generation
Transmit T1 Framer block will transmit an Unframed All
Ones Pattern, as an AIS Pattern.
11
Enable Framed AIS Alarm Generation
Transmit T1 Framer block will transmit a Framed, All
Ones Pattern, as the AIS Pattern.
AISD[1:0]
AIS Defect Declaration Criteria
00/10
AIS Detection Disabled
AIS Defect Condition will NOT be declared.
01
Enable Unframed and Framed AIS Alarm Detection
ReceiveT1 Framer block will detect both Unframed and
Framed AIS pattern
11
Enable Framed AIS Alarm Detection
Receive T1 Framer block will detect only Framed AIS pat-
tern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com