Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34 Datasheet(PDF) 30 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 30 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 26Page - Exar Corporation XRT86VL34 Datasheet HTML 27Page - Exar Corporation XRT86VL34 Datasheet HTML 28Page - Exar Corporation XRT86VL34 Datasheet HTML 29Page - Exar Corporation XRT86VL34 Datasheet HTML 30Page - Exar Corporation XRT86VL34 Datasheet HTML 31Page - Exar Corporation XRT86VL34 Datasheet HTML 32Page - Exar Corporation XRT86VL34 Datasheet HTML 33Page - Exar Corporation XRT86VL34 Datasheet HTML 34Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 156 page
background image
XRT86VL34
25
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
TABLE 10: FRAMING CONTROL REGISTER (FCR)
HEX ADDRESS: 0Xn10B
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
Reframe
R/W
0
Force Reframe
A ‘0’ to ‘1’ transition will force the Receive T1 Framer to restart the syn-
chronization process. This bit field is automatically cleared (set to 0)
after frame synchronization is reached.
6
Framing with CRC
Checking
R/W
1
Framing with CRC Checking in ESF
This bit permits the user to include CRC verification as a part of the
“T1/ESF Framing Alignment” process. If the user enables this feature,
then the Receive T1 Framer block will also check and verify that the
incoming T1 data-stream contains correct CRC data, prior to declaring
the “In-Frame” condition.
0 - CRC Verification is NOT included in the “Framing Alignment” pro-
cess.
1 - Receive T1 Framer block will also check for correct CRC values
prior to declaring the “In-Frame” condition.
5-3
LOF Tolerance[2:0]
R/W
000
LOF Defect Declaration Tolerance[2:0]:
These bits along with the LOF_RANGE[2:0] bits are used to define the
LOF Defect Declaration criteria. The Receive T1 Framer block will
declare the LOF defect condition anytime it detects
“LOF_Tolerance[2:0]” out of “LOF_Range[2:0] framing bit errors within
the incoming T1 data-stream.
The recommended LOF_TOLR value is 2.
NOTE: A “0” value for LOF_TOLR is internally blocked. A LOF_TOLR
value must be specified.
2-0
LOF_Range[2:0]
R/W
011
LOF Defect Declaration Range[2:0]:
These bits along with the “LOF_Tolerance[2:0] bits are used to define
the “LOF Defect Declaration” criteria. The Receive T1 Framer block will
declare the LOF Defect condition anytime it has received
“LOF_Tolerance[2:0] out of “LOF_Range[2:0] framing bit errors, within
the incoming T1 data-stream.
The recommended LOF_ANG value is 5.
NOTE: A “0” value for LOF_RANG is internally blocked. A LOF_RANG
value must be specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com