Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34 Datasheet(PDF) 20 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 20 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 16Page - Exar Corporation XRT86VL34 Datasheet HTML 17Page - Exar Corporation XRT86VL34 Datasheet HTML 18Page - Exar Corporation XRT86VL34 Datasheet HTML 19Page - Exar Corporation XRT86VL34 Datasheet HTML 20Page - Exar Corporation XRT86VL34 Datasheet HTML 21Page - Exar Corporation XRT86VL34 Datasheet HTML 22Page - Exar Corporation XRT86VL34 Datasheet HTML 23Page - Exar Corporation XRT86VL34 Datasheet HTML 24Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 156 page
background image
XRT86VL34
15
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
3
FASTSYNC
R/W
0
Faster Sync Algorithm
This bit is used to specify one of the synchronization criteria that the
Receive T1 Framer block employs. If this “Faster Sync Algorithm” is
enabled, the Receive T1 Framer Block will declare synchronization
earlier. The table below specifies the number of consecutive frames
with correct F-bits that the T1 Receive framer must receive in order
to declare “SYNC” when FASTSYNC is enabled or disabled.
0 - Disables FASTSYNC feature.
1 - Enables FASTSYNC feature.
2-0
FSl[2:0]
R/W
000
T1 Framing Mode Select [2:0]
These three bits permit the user to select the exact T1 framing format
that the channel is to operate in.
Bit 2 is MSB and Bit 0 is LSB. The following table shows the five dif-
ferent framing formats that can be selected by configuring these
three bits accordingly.
NOTE: Changing Framing formats 'on the fly' will cause the Receive
T1 Framer block to undergo a “Reframe” event.
TABLE 4: FRAMING SELECT REGISTER (FSR)
HEX ADDRESS: 0Xn107
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
Framing
FastSync
= 0
FastSync
= 1
ESF
96
48
SF
48
24
N
48
24
SLC
® 96
48
24
Framing
FS[2]
FS[1]
FS[0]
ESF
0
X
X
SF
1
0
1
N
1
1
0
T1DM
1
1
1
SLC
®96
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com