Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34 Datasheet(PDF) 17 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 17 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 13Page - Exar Corporation XRT86VL34 Datasheet HTML 14Page - Exar Corporation XRT86VL34 Datasheet HTML 15Page - Exar Corporation XRT86VL34 Datasheet HTML 16Page - Exar Corporation XRT86VL34 Datasheet HTML 17Page - Exar Corporation XRT86VL34 Datasheet HTML 18Page - Exar Corporation XRT86VL34 Datasheet HTML 19Page - Exar Corporation XRT86VL34 Datasheet HTML 20Page - Exar Corporation XRT86VL34 Datasheet HTML 21Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 156 page
background image
XRT86VL34
12
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 3: LINE INTERFACE CONTROL REGISTER (LICR)
HEX ADDRESS: 0XN101
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
FORCE_LOS
R/W
0
Force Transmit LOS (To the Line Side)
This bit permits the user to configure the transmit direction circuitry
(within the channel) to transmit the LOS pattern to the remote terminal
equipment, as described below.
0 - Configures the transmit direction circuitry to transmit “normal” traffic.
1 - Configures the transmit direction circuitry to transmit the LOS
Pattern.
6
SR
R/W
0
Single Rail Mode
This bit can only be set if the LIU Block is also set to single rail mode.
See Register 0x0FE0, bit 7.
0 - Dual Rail
1 - Single Rail
5:4
LB[1:0]
R/W
00
Framer Loopback Selection
These bits are used to select any of the following loop-back modes for
the framer section. For LIU loopback modes, see the LIU configuration
registers.
3:2
Reserved
R/W
0
Reserved
LB[1:0]
TYPES OF LOOPBACK SELECTED
00
Normal Mode (No LoopBack)
01
Framer Local LoopBack:
When framer local loopback is enabled, the transmit
PCM input data is looped back to the receive PCM out-
put data. The receive input data at RTIP/RRING is
ignored while an All Ones Signal is transmitted out to
the line interface.
10
Framer Far-End (Remote) Line LoopBack:
When framer remote loopback is enabled, the digital
data enters the framer interface, however does not
enter the framing blocks. The receive digital data from
the LIU is allowed to pass through the LIU Decoder/
Encoder circuitry before returning to the line interface.
11
Framer Payload LoopBack:
When framer payload loopback is enabled, the raw
data within the receive time slots are looped back to the
transmit framer block where the data is re-framed
according to the transmit timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com