Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34 Datasheet(PDF) 36 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 36 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 32Page - Exar Corporation XRT86VL34 Datasheet HTML 33Page - Exar Corporation XRT86VL34 Datasheet HTML 34Page - Exar Corporation XRT86VL34 Datasheet HTML 35Page - Exar Corporation XRT86VL34 Datasheet HTML 36Page - Exar Corporation XRT86VL34 Datasheet HTML 37Page - Exar Corporation XRT86VL34 Datasheet HTML 38Page - Exar Corporation XRT86VL34 Datasheet HTML 39Page - Exar Corporation XRT86VL34 Datasheet HTML 40Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 156 page
background image
XRT86VL34
31
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
1
Tx_FCS_EN
R/W
0
Transmit LAPD Message with Frame Check Sequence (FCS)
This bit permits the user to configure the Transmit HDLC Controller
block # 1 to compute and append FCS octets to the “back-end” of
each outbound MOS data-link message.
0 - Configures the Transmit HDLC Controller block # 1 to NOT com-
pute and append the FCS octets to the back-end of each outbound
MOS data-link message.
1 - Configures the Transmit HDLC Controller block # 1 TO COM-
PUTE and append the FCS octets to the back-end of each outbound
MOS data-link message.
NOTE: This bit is ignored if the transmit HDLC1 controller has been
configured to operate in the BOS mode - bit 0 (MOS/BOS)
within this register is set to 0.
0
MOS/BOS
R/W
0
Message Oriented Signaling/Bit Oriented Signaling Send
This bit permits the user to enable LAPD transmission through
HDLC Controller Block # 1 using either BOS (Bit-Oriented Signaling)
or MOS (Message-Oriented Signaling) frames.
0 - Transmit HDLC Controller block # 1 BOS message Send.
1 - Transmit HDLC Controller block # 1 MOS message Send.
NOTE: This is not an Enable bit. This bit must be set to "0" each time
a BOS is to be sent.
TABLE 16: DATA LINK CONTROL REGISTER (DLCR1)
HEX ADDRESS: 0Xn113
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com