Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34 Datasheet(PDF) 93 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 93 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 89Page - Exar Corporation XRT86VL34 Datasheet HTML 90Page - Exar Corporation XRT86VL34 Datasheet HTML 91Page - Exar Corporation XRT86VL34 Datasheet HTML 92Page - Exar Corporation XRT86VL34 Datasheet HTML 93Page - Exar Corporation XRT86VL34 Datasheet HTML 94Page - Exar Corporation XRT86VL34 Datasheet HTML 95Page - Exar Corporation XRT86VL34 Datasheet HTML 96Page - Exar Corporation XRT86VL34 Datasheet HTML 97Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 156 page
background image
XRT86VL34
88
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 78: BLOCK INTERRUPT STATUS REGISTER (BISR)
HEX ADDRESS: 0XnB00
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
Reserved
For E1 mode only
6
LBCODE
RO
0
Loopback Code Block Interrupt Status
This bit indicates whether or not the Loopback Code block has an
interrupt request awaiting service.
0 - Indicates no outstanding Loopback Code Block interrupt request
is awaiting service
1 - Indicates the Loopback Code block has an interrupt request
awaiting service. Interrupt Service routine should branch to the inter-
rupt source and read the Loopback Code Interrupt Status register
(address 0xnB0A) to clear the interrupt
NOTE:
This bit will be reset to 0 after the microprocessor has
performed a read to the Loopback Code Interrupt Status
Register.
5
RxClkLOS
RO
0
Loss of Recovered Clock Interrupt Status
This bit indicates whether or not the T1 receive framer is currently
declaring the "Loss of Recovered Clock" interrupt.
0 = Indicates that the T1 Receive Framer Block is NOT currently
declaring the "Loss of Recovered Clock" interrupt.
1 = Indicates that the T1 Receive Framer Block is currently declar-
ing the "Loss of Recovered Clock" interrupt.
NOTE: This bit is only active if the clock loss detection feature is
enabled (Register - 0xn100)
4
ONESEC
RO
0
One Second Interrupt Status
This bit indicates whether or not the T1 receive framer block is cur-
rently declaring the "One Second" interrupt.
0 = Indicates that the T1 Receive Framer Block is NOT currently
declaring the "One Second" interrupt.
1 = Indicates that the T1 Receive Framer Block is currently declar-
ing the "One Second" interrupt.
3
HDLC
RO
0
HDLC Block Interrupt Status
This bit indicates whether or not the HDLC block has any interrupt
request awaiting service.
0 = Indicates no outstanding HDLC block interrupt request is await-
ing service
1 = Indicates HDLC Block has an interrupt request awaiting service.
Interrupt Service routine should branch to the interrupt source and
read the corresponding Data LInk Status Registers (address
0xnB06, 0xnB16, 0xnB26, 0xnB10, 0xnB18, 0xnB28) to clear the
interrupt.
NOTE:
This bit will be reset to 0 after the microprocessor has
performed a read to the corresponding Data Link Status
Registers that generated the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com