Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34 Datasheet(PDF) 25 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 25 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 21Page - Exar Corporation XRT86VL34 Datasheet HTML 22Page - Exar Corporation XRT86VL34 Datasheet HTML 23Page - Exar Corporation XRT86VL34 Datasheet HTML 24Page - Exar Corporation XRT86VL34 Datasheet HTML 25Page - Exar Corporation XRT86VL34 Datasheet HTML 26Page - Exar Corporation XRT86VL34 Datasheet HTML 27Page - Exar Corporation XRT86VL34 Datasheet HTML 28Page - Exar Corporation XRT86VL34 Datasheet HTML 29Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 156 page
background image
XRT86VL34
20
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 8: SYNCHRONIZATION MUX REGISTER (SMR)
HEX ADDRESS: 0Xn109
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
Reserved
-
-
Reserved
6
MFRAMEALIGN
R/W
0
Transmit Multiframe Sync Alignment
This bit forces Transmit T1 framer block to align with the backplane
multiframe boundary (TxMSYNC_n).
0 = Do not force the transmit T1 framer block to align with the TxM-
SYNC signal.
1 = Force the transmit T1 framer block to align with the TxMSYNC
signal.
NOTE: This bit is not used in base rate (1.544MHz Clock) mode.
5
MSYNC
R/W
O
Transmit Super Frame Boundary
This bit provides an option to use the transmit single frame boundary
(TxSYNC) as the transmit multi-frame boundary (TxMSYNC) in high
speed or multiplexed modes. In 1.544MHz clock mode (base rate),
the TxMSYNC is used as the transmit superframe boundary, in other
clock modes (i.e. high speed or multiplexed modes), TxMSYNC is
used as an input transmit clock for the backplane interface.
0 = Configures the TxSYNC as a single frame boundary.
1 = Configures the TxSYNC as a superframe boundary (TxMSYNC)
in high-speed or multiplexed mode.
NOTE: This bit is not used in base rate (1.544MHz Clock) mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com