Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34 Datasheet(PDF) 61 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 61 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 57Page - Exar Corporation XRT86VL34 Datasheet HTML 58Page - Exar Corporation XRT86VL34 Datasheet HTML 59Page - Exar Corporation XRT86VL34 Datasheet HTML 60Page - Exar Corporation XRT86VL34 Datasheet HTML 61Page - Exar Corporation XRT86VL34 Datasheet HTML 62Page - Exar Corporation XRT86VL34 Datasheet HTML 63Page - Exar Corporation XRT86VL34 Datasheet HTML 64Page - Exar Corporation XRT86VL34 Datasheet HTML 65Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 156 page
background image
XRT86VL34
56
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 37: TRANSMIT LOOPBACK CODER REGISTER (TLCR)
HEX ADDRESS: 0XN125
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-1
TXLBC[6:0]
R/W
1010101
Transmit Loopback Code
These seven bits determine the transmit loopback code. The MSB
of the transmit loopback code is loaded first for transmission.
0
TXLBCENB
R/W
0
Transmit Loopback Code Enable
This bit enables loopback code generation in the transmit path.
Transmit loopback code is generated by writing the transmit loop-
back code in this register and enabling it using this bit. The length
and the format of the transmit loopback code is determined by the
Loopback Code Control Register (Register address: 0xn124)
0 = Disables the transmit loopback code generation.
1 = Enables the transmit loopback code generation.
TABLE 38: RECEIVE LOOPBACK ACTIVATION CODE REGISTER (RLACR)
HEX ADDRESS: 0XN126
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-1
RXLBAC[6:0]
R/W
1010101
Receive activation loopback code
These seven bits determine the receive loopback activation code.
The MSB of the receive activation loopback code is received first.
0
RXLBACENB
R/W
0
Receive activation loopback code enable
This bit enables the receive loopback activation code detection.
Receive loopback activation code is detected by writing the
expected receive activation loopback code in this register and
enabling it using this bit.
The length and format of the Receive loopback activation code is
determined by the Loopback Code Control Register (Register
0xn124).
0 = Disables the receive loopback code activation detection.
1 = Enables the receive loopback code activation detection.
TABLE 39: RECEIVE LOOPBACK DEACTIVATION CODE REGISTER (RLDCR)
HEX ADDRESS: 0XN127
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-1
RXLBDC[6:0]
R/W
1010101
Receive deactivation loopback code
These seven bits determine the receive loopback deactivation code.
The MSB of the receive deactivation loopback code is received first.
0
RXLBDCENB
R/W
0
Receive deactivation loopback code enable
This bit enables the receive loopback deactivation code detection.
Receive loopback deactivation code is detected by writing the
expected receive deactivation loopback code in this register and
enabling it using this bit.
The length and format of the Receive loopback deactivation code is
determined by the Loopback Code Control Register (Register
0xn124).
0 = Disables the receive loopback code deactivation detection.
1 = Enables the receive loopback code deactivation detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com