Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34 Datasheet(PDF) 88 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 88 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 84Page - Exar Corporation XRT86VL34 Datasheet HTML 85Page - Exar Corporation XRT86VL34 Datasheet HTML 86Page - Exar Corporation XRT86VL34 Datasheet HTML 87Page - Exar Corporation XRT86VL34 Datasheet HTML 88Page - Exar Corporation XRT86VL34 Datasheet HTML 89Page - Exar Corporation XRT86VL34 Datasheet HTML 90Page - Exar Corporation XRT86VL34 Datasheet HTML 91Page - Exar Corporation XRT86VL34 Datasheet HTML 92Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 156 page
background image
XRT86VL34
83
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
TABLE 65: PMON RECEIVE CRC-6 BIT ERROR COUNTER - MSB (RSBBECU)
HEX ADDRESS: 0Xn905
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
RSBBEC[15]
RUR
0
Performance Monitor “Receive Synchronization Bit Error 16-Bit
Counter” - Upper Byte:
These RESET-upon-READ bits, along with that within the “PMON
Receive Synchronization Bit Error Counter Register LSB” combine
to reflect the cumulative number of instances that the Receive Syn-
chronization Bit errors has been detected by the Receive T1 Framer
block since the last read of this register.
This register contains the Most Significant byte of this 16-bit of the
Receive Synchronization Bit Error counter.
NOTE: For all 16-bit wide PMON registers, user must read the MSB
counter first before reading the LSB counter in order to read
the accurate PMON counts. To clear PMON count, user
must read the MSB counter first before reading the LSB
counter in order to clear the PMON count.
6
RSBBEC[14]
RUR
0
5
RSBBEC[13]
RUR
0
4
RSBBEC[12]
RUR
0
3
RSBBEC[11]
RUR
0
2
RSBBEC[10]
RUR
0
1
RSBBEC[9]
RUR
0
0
RSBBEC[8]
RUR
0
TABLE 66: PMON RECEIVE CRC-6 BIT ERROR COUNTER - LSB (RSBBECL)
HEX ADDRESS: 0Xn906
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
RSBBEC[7]
RUR
0
Performance Monitor “Receive Synchronization Bit Error 16-Bit
Counter” - Lower Byte:
These RESET-upon-READ bits, along with that within the “PMON
Receive Synchronization Bit Error Counter Register MSB” combine
to reflect the cumulative number of instances that the Receive Syn-
chronization Bit errors has been detected by the Receive T1 Framer
block since the last read of this register.
This register contains the Least Significant byte of this 16-bit of the
Receive Synchronization Bit Error counter.
NOTE: For all 16-bit wide PMON registers, user must read the MSB
counter first before reading the LSB counter in order to read
the accurate PMON counts. To clear PMON count, user
must read the MSB counter first before reading the LSB
counter in order to clear the PMON count.
6
RSBBEC[6]
RUR
0
5
RSBBEC[5]
RUR
0
4
RSBBEC[4]
RUR
0
3
RSBBEC[3]
RUR
0
2
RSBBEC[2]
RUR
0
1
RSBBEC[1]
RUR
0
0
RSBBEC[0]
RUR
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com