Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34 Datasheet(PDF) 85 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 85 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 81Page - Exar Corporation XRT86VL34 Datasheet HTML 82Page - Exar Corporation XRT86VL34 Datasheet HTML 83Page - Exar Corporation XRT86VL34 Datasheet HTML 84Page - Exar Corporation XRT86VL34 Datasheet HTML 85Page - Exar Corporation XRT86VL34 Datasheet HTML 86Page - Exar Corporation XRT86VL34 Datasheet HTML 87Page - Exar Corporation XRT86VL34 Datasheet HTML 88Page - Exar Corporation XRT86VL34 Datasheet HTML 89Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 156 page
background image
XRT86VL34
80
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 60: PMON RECEIVE LINE CODE VIOLATION COUNTER MSB (RLCVCU)
HEX ADDRESS: 0Xn900
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
RLCVC[15]
RUR
0
Performance Monitor “Receive Line Code Violation” 16-bit
Counter - Upper Byte:
These RESET-upon-READ bits, along with that within the PMON
Receive Line Code Violation Counter Register LSB combine to
reflect the cumulative number of instances that Line Code Violation
has been detected by the Receive T1 Framer block since the last
read of this register.
This register contains the Most Significant byte of this 16-bit of the
Line Code Violation counter.
NOTE: For all 16-bit wide PMON registers, user must read the MSB
counter first before reading the LSB counter in order to read
the accurate PMON counts. To clear PMON count, user
must read the MSB counter first before reading the LSB
counter in order to clear the PMON count.
6
RLCVC[14]
RUR
0
5
RLCVC[13]
RUR
0
4
RLCVC[12]
RUR
0
3
RLCVC[11]
RUR
0
2
RLCVC[10]
RUR
0
1
RLCVC[9]
RUR
0
0
RLCVC[8]
RUR
0
TABLE 61: PMON RECEIVE LINE CODE VIOLATION COUNTER LSB (RLCVCL)
HEX ADDRESS: 0Xn901
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
RLCVC[7]
RUR
0
Performance Monitor “Receive Line Code Violation” 16-bit
Counter - Lower Byte:
These RESET-upon-READ bits, along with that within the PMON
Receive Line Code Violation Counter Register MSB combine to
reflect the cumulative number of instances that Line Code Violation
has been detected by the Receive T1 Framer block since the last
read of this register.
This register contains the Least Significant byte of this 16-bit of the
Line Code Violation counter.
NOTE: For all 16-bit wide PMON registers, user must read the MSB
counter first before reading the LSB counter in order to read
the accurate PMON counts. To clear PMON count, user
must read the MSB counter first before reading the LSB
counter in order to clear the PMON count.
6
RLCVC[6]
RUR
0
5
RLCVC[5]
RUR
0
4
RLCVC[4]
RUR
0
3
RLCVC[3]
RUR
0
2
RLCVC[2]
RUR
0
1
RLCVC[1]
RUR
0
0
RLCVC[0]
RUR
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com