Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34 Datasheet(PDF) 57 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 57 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 53Page - Exar Corporation XRT86VL34 Datasheet HTML 54Page - Exar Corporation XRT86VL34 Datasheet HTML 55Page - Exar Corporation XRT86VL34 Datasheet HTML 56Page - Exar Corporation XRT86VL34 Datasheet HTML 57Page - Exar Corporation XRT86VL34 Datasheet HTML 58Page - Exar Corporation XRT86VL34 Datasheet HTML 59Page - Exar Corporation XRT86VL34 Datasheet HTML 60Page - Exar Corporation XRT86VL34 Datasheet HTML 61Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 156 page
background image
XRT86VL34
52
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 35: PRBS CONTROL & STATUS REGISTER (PRBSCSR1)
HEX ADDRESS: 0XN123
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
PRBSTyp
R/W
0
PRBS Pattern Type
This bit selects the type of PRBS pattern that the T1 Transmit/
Receive framer will generate or detect. PRBS 15 (X15 + X14 +1)
Polynomial or QRTS (Quasi-Random Test Signal) Pattern can be
generated by the transmit or receive framer depending on whether
PRBS switch function is enabled or not (bit 3 in register 0xn121).
If the PRBS Switch function is disabled, T1 transmit framer will gen-
erate either PRBS 15 or QRTS pattern and output to the line inter-
face. PRBS 15 or QRTS pattern depends on the setting of this bit.
If the PRBS Switch function is enabled, T1 receive framer will gener-
ate either PRBS 15 or QRTS pattern and output to the receive back
plane interface. PRBS 15 or QRTS pattern depends on the setting
of this bit.
0 = Enables the PRBS 15 (X15 + X14 +1) Polynomial generation.
1 = Enables the QRTS (Quasi-Random Test Signal) pattern genera-
tion.
6
ERRORIns
R/W
0
Error Insertion
This bit is used to insert a single PRBS/QRTS error to the transmit
or receive output depending on whether PRBS switch function is
enabled or not. (bit 3 in register 0xn121).
If the PRBS Switch function is disabled, T1 transmit framer will
insert a single PRBS/QRTS error and output to the line interface if
this bit is enabled.
If the PRBS Switch function is enabled, T1 receive framer will insert
a single PRBS/QRTS error and output to the receive back plane
interface if this bit is enabled.
A ‘0’ to ‘1’ transition will cause one output bit inverted in the PRBS/
QRTS stream.
NOTE: This bit only works if PRBS/QRTS generation is enabled.
5
DATAInv
R/W
0
PRBS Data Invert:
This bit inverts the Transmit PRBS/QRTS output data and the
Receive PRBS/QRTS input data. The exact function of this bit
depends on whether PRBS switch function is enabled or not. (bit 3
in register 0xn121).
If the PRBS Switch function is disabled and if this bit is enabled, T1
transmit framer will invert the PRBS/QRTS data before it outputs to
the line interface, and the T1 receive framer will invert the incoming
PRBS/QRTS data before it receives it.
If the PRBS Switch function and this bit are both enabled, T1
receive framer will invert the PRBS/QRTS data before it outputs to
the line interface, and the T1 transmit framer will invert the incoming
PRBS/QRTS data before it receives it.
0 - Transmit and Receive Framer will NOT invert the Transmit and
Receive PRBS/QRTS data.
1 - Transmit and Receive Framer will invert the Transmit and
Receive PRBS/QRTS data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com