Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34 Datasheet(PDF) 96 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 96 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 92Page - Exar Corporation XRT86VL34 Datasheet HTML 93Page - Exar Corporation XRT86VL34 Datasheet HTML 94Page - Exar Corporation XRT86VL34 Datasheet HTML 95Page - Exar Corporation XRT86VL34 Datasheet HTML 96Page - Exar Corporation XRT86VL34 Datasheet HTML 97Page - Exar Corporation XRT86VL34 Datasheet HTML 98Page - Exar Corporation XRT86VL34 Datasheet HTML 99Page - Exar Corporation XRT86VL34 Datasheet HTML 100Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 156 page
background image
XRT86VL34
91
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
2
SLIP_ENB
R/W
0
Slip Buffer Block Interrupt Enable
This bit permits the user to either enable or disable the Slip Buffer
Block for interrupt generation.
Writing a “0” to this register bit will disable the Slip Buffer Block for
interrupt generation, then all Slip Buffer interrupts will be disabled for
interrupt generation.
If the user writes a “1” to this register bit, the Slip Buffer Block inter-
rupt at the “Block Level” will be enabled. However, the individual Slip
Buffer interrupts at the “Source Level” still need to be enabled in
order to generate that particular interrupt to the interrupt pin.
0 - Disables all Slip Buffer Block interrupt within the device.
1 - Enables the Slip Buffer interrupt at the “Block-Level”.
1
ALARM_ENB
R/W
0
Alarm & Error Block Interrupt Enable
This bit permits the user to either enable or disable the Alarm &
Error Block for interrupt generation.
Writing a “0” to this register bit will disable the Alarm & Error Block
for interrupt generation, then all Alarm & Error interrupts will be dis-
abled for interrupt generation.
If the user writes a “1” to this register bit, the Alarm & Error Block
interrupt at the “Block Level” will be enabled. However, the individual
Alarm & Error interrupts at the “Source Level” still need to be
enabled in order to generate that particular interrupt to the interrupt
pin.
0 - Disables all Alarm & Error Block interrupt within the device.
1 - Enables the Alarm & Error interrupt at the “Block-Level”.
0
T1FRAME_ENB
R/W
0
T1 Framer Block Enable
This bit permits the user to either enable or disable the T1 Framer
Block for interrupt generation.
Writing a “0” to this register bit will disable the T1 Framer Block for
interrupt generation, then all T1 Framer interrupts will be disabled
for interrupt generation.
If the user writes a “1” to this register bit, the T1 Framer Block inter-
rupt at the “Block Level” will be enabled. However, the individual T1
Framer interrupts at the “Source Level” still need to be enabled in
order to generate that particular interrupt to the interrupt pin.
0 - Disables all T1 Framer Block interrupt within the device.
1 - Enables the T1 Framer interrupt at the “Block-Level”.
TABLE 79: BLOCK INTERRUPT ENABLE REGISTER (BIER)
HEX ADDRESS: 0XnB01
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com